Electronic Components Datasheet Search
  English  ▼

X  

AD5737 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5737
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5737 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5737 Datasheet HTML 5Page - Analog Devices AD5737 Datasheet HTML 6Page - Analog Devices AD5737 Datasheet HTML 7Page - Analog Devices AD5737 Datasheet HTML 8Page - Analog Devices AD5737 Datasheet HTML 9Page - Analog Devices AD5737 Datasheet HTML 10Page - Analog Devices AD5737 Datasheet HTML 11Page - Analog Devices AD5737 Datasheet HTML 12Page - Analog Devices AD5737 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Preliminary Technical Data
AD5757/AD5737
Rev. PrD | Page 9 of 31
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
100 mA do not cause SCR latch-up.
Table 5.
Parameter
Rating
AVDD to AGND, DGND
−0.3 V to +33 V
AVSS to AGND, DGND
+0.3 V to −28 V
AVDD to AVSS
−0.3 V to +60 V
AVcc to AGND
−0.3 V to +7 V
DVDD to DGND
−0.3 V to +7 V
Digital Inputs to DGND
−0.3 V to DVDD + 0.3 V or
+7 V (whichever is less)
Digital Outputs to DGND
−0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND
−0.3 V to AVDD + 0.3 V or +7
V (whichever is less)
IOUT A,B,C,D to AGND
−0.3 V to AVDD
RSETA,B,C,D to AGND
−0.3 V to AVDD + 0.3 V or +7
V (whichever is less)
SWA,B,C,D / VBOOSTA,B,C,D to AGND
−0.3 to +33 V
COMPDCDC_A,B,C,D/ CHARTA,B,C,D to AGND −0.3 V to +5 V
AGND, GNDSWA,B,C,D to DGND
−0.3 V to +0.3 V
Operating Temperature Range (TA)
Industrial1
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
125°C
64-Lead LFCSP
θJA Thermal Impedance2
20°C/W
Power Dissipation
(TJmax – TA)/θJA
Lead Temperature
JEDEC Industry Standard
Soldering
J-STD-020
1 Power dissipated on chip must be derated to keep the junction temperature
below 125°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
2 Based on a JEDEC 4 layer test board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com