Electronic Components Datasheet Search
  English  ▼

X  

AD5737 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5737
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5737 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5737 Datasheet HTML 13Page - Analog Devices AD5737 Datasheet HTML 14Page - Analog Devices AD5737 Datasheet HTML 15Page - Analog Devices AD5737 Datasheet HTML 16Page - Analog Devices AD5737 Datasheet HTML 17Page - Analog Devices AD5737 Datasheet HTML 18Page - Analog Devices AD5737 Datasheet HTML 19Page - Analog Devices AD5737 Datasheet HTML 20Page - Analog Devices AD5737 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Preliminary Technical Data
AD5757/AD5737
Rev. PrD | Page 17 of 31
DATA REGISTERS
The input register is 24 bits wide. When writing to a data register the following format must be used:
Table 8.
AD5757/AD5737 Writing to a Data Register
D23 D22
D21
D20
D19
D18
D17
D16
D15 to D0
R/W DUT_AD1
DUT_AD0
DREG2 DREG1 DREG0 DAC_AD1 DAC_AD0
Table 9.
AD5757/AD5737 Input Register Decode
Register
Function
R/W
Indicates a read from or a write to the addressed register.
DUT_AD1, DUT_AD0 Used in association with External Pins AD1, AD0 to determine which AD5757/AD5737 device is being addressed
by the system controller.
DUT_AD1
DUT_AD0
Function
0
0
Addresses Part with Pins AD1=0, AD0=0
0
1
Addresses Part with Pins AD1=0, AD0=1
1
0
Addresses Part with Pins AD1=1, AD0=0
1
1
Addresses Part with Pins AD1=1, AD0=1
DREG2, DREG1,
DREG0
Selects whether a data register or a control register is written to. If a control register is selected, a further decode
of CREG bits is required to select the particular control register, as detailed below.
DREG2
DREG1
DREG0
Function
0
0
0
Write to DAC Data Register (Individual Channel Write)
0
1
0
Write to Gain Register
0
1
1
Write to Gain Register (ALL DACS)
1
0
0
Write to Offset Register
1
0
1
Write to Offset Register (ALL DACS)
1
1
0
Write to Clear Code Register
1
1
1
Write to a Control Register
DAC_AD1, DAC_AD0
These bits are used to decode the DAC channel
DAC_AD1
DAC_AD0
DAC Channel/ Register Address
0
0
DAC A
0
1
DAC B
1
0
DAC C
1
1
DAC D
X
X
These are don’t cares if they are not relevant to the operation being performed.
DAC DATA REGISTER
Table 10. Programming the AD5757 DAC Data Registers
When writing to the AD5757 DAC Data Registers D15-D0 are used for DAC DATA bits. See Table x for input register decode.
MSB
LSB
D23 D22
D21
D20
D19
D18
D17
D16
D15 to D0
R/W DUT_AD1
DUT_AD0
DREG2 DREG1 DREG0 DAC_AD1 DAC_AD0 DATA
Table 11. Programming the AD5737 DAC Data Registers
When writing to the AD5737 DAC Data Registers D15-D4 are used for DAC DATA bits. See Table x for input register decode.
MSB
LSB
D23 D22
D21
D20
D19
D18
D17
D16
D15 to D4 D3 D2 D1 D0
R/W DUT_AD1 DUT_AD0 DREG2 DREG1 DREG0 DAC_AD1 DAC_AD0 DATA
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com