Electronic Components Datasheet Search
  English  ▼

X  

AD5737 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5737
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5737 Datasheet(HTML) 1 Page - Analog Devices

  AD5737 Datasheet HTML 1Page - Analog Devices AD5737 Datasheet HTML 2Page - Analog Devices AD5737 Datasheet HTML 3Page - Analog Devices AD5737 Datasheet HTML 4Page - Analog Devices AD5737 Datasheet HTML 5Page - Analog Devices AD5737 Datasheet HTML 6Page - Analog Devices AD5737 Datasheet HTML 7Page - Analog Devices AD5737 Datasheet HTML 8Page - Analog Devices AD5737 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Quad Channel, 16-Bit,
Serial Input, 4-20mA Output DAC,
Dynamic Power Control, HART Connectivity
Preliminary Technical Data
AD5757/AD5737
Rev. PrD
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license isgranted by implication or otherwise under any patent or patent rightsof Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
16/12-Bit Resolution and Monotonicity
Dynamic Power Control for Thermal Management
IOUT Range: 0mA-20mA, 4mA–20mA or 0mA–24mA
±0.05% Total Unadjusted Error (TUE) Max
User programmable Offset and Gain
On Chip Diagnostics
On-Chip Reference (±5 ppm/°C Max)
−40°C to +105°C Temperature Range
APPLICATIONS
Process Control
Actuator Control
PLC’s
HART Network Connectivity
PRODUCT HIGHLIGHTS
Dynamic Power Control for Thermal management
16bit performance
Multi-channel
HART Compliant
GENERAL DESCRIPTION
The AD5757/AD5737 is a quad, current output DAC, which
operates with a power supply of up to +33v. On chip dynamic
power control minimizes package power dissipation in current
mode. This is achieved by regulating the voltage on the output
driver from between 7V-30V.
Each channel has a corresponding CHART pin so that HART
signals can be coupled onto the AD5757/AD5737’s current
output.
The part uses a versatile 3-wire serial interface that operates at
clock rates up to 30 MHz and that is compatible with standard
SPI®, QSPI™, MICROWIRE™, DSP and microcontroller
interface standards. The interface also features optional CRC-8
packet error checking as well as a watchdog timer that monitors
activity on the interface.
Table 1. Complementary Devices
Part No.
Description
ADR445
5V, Ultralow Noise, LDO XFET Voltage
Reference with Current Sink and Source
ADP1871
Synchronous Buck Controller with Constant
On-Time, Valley Current Mode, and Power
Save Mode
Figure 1.


Similar Part No. - AD5737

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5737 AD-AD5737 Datasheet
1Mb / 48P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5737 AD-AD5737 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5737ACPZ AD-AD5737ACPZ Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5737ACPZ-RL7 AD-AD5737ACPZ-RL7 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
More results

Similar Description - AD5737

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5421 AD-AD5421 Datasheet
2Mb / 22P
16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
AD5755 AD-AD5755 Datasheet
1Mb / 34P
Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com