Electronic Components Datasheet Search
  English  ▼

X  

AD5737 Datasheet(PDF) 31 Page - Analog Devices

Part # AD5737
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5737 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5737 Datasheet HTML 23Page - Analog Devices AD5737 Datasheet HTML 24Page - Analog Devices AD5737 Datasheet HTML 25Page - Analog Devices AD5737 Datasheet HTML 26Page - Analog Devices AD5737 Datasheet HTML 27Page - Analog Devices AD5737 Datasheet HTML 28Page - Analog Devices AD5737 Datasheet HTML 29Page - Analog Devices AD5737 Datasheet HTML 30Page - Analog Devices AD5737 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
Preliminary Technical Data
AD5757/AD5737
Rev. PrD| Page 31 of 31
PR09225-0-7/10(PrD)
OUTLINE DIMENSIONS
Figure 23. 64-Lead Frame Chip Scale Package, 9x9 Quad. [LFCSP]
Dimensions shown in millimeters
ORDERING GUIDE
Model
Resolution
Temperature Range
Package Description
Package Option
AD5757x
16-bit
−40°C to +105°C
64-lead LFCSP
CP-64-3
AD5737x
12-bit
−40°C to +105°C
64-lead LFCSP
CP-64-3
COMPLIANT TO JEDEC STANDARDS MO-220-VMMD-4
0.25 MIN
TOP VIEW
8.75
BSC SQ
9.00
BSC SQ
1
64
16
17
49
48
32
33
0.50
0.40
0.30
0.50
BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
7.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60
MAX
EXPOSED PAD
(BOTTOM VIEW)
SEATING
PLANE
PIN 1
INDICATOR
7.25
7.10 SQ
6.95
PIN 1
INDICATOR
0.30
0.23
0.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com