Electronic Components Datasheet Search
  English  ▼

X  

AD5737 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5737
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5737 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5737 Datasheet HTML 7Page - Analog Devices AD5737 Datasheet HTML 8Page - Analog Devices AD5737 Datasheet HTML 9Page - Analog Devices AD5737 Datasheet HTML 10Page - Analog Devices AD5737 Datasheet HTML 11Page - Analog Devices AD5737 Datasheet HTML 12Page - Analog Devices AD5737 Datasheet HTML 13Page - Analog Devices AD5737 Datasheet HTML 14Page - Analog Devices AD5737 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Preliminary Technical Data
AD5757/AD5737
Rev. PrD | Page 11 of 31
Pin No. Mnemonic
Description
more information. When CLEAR is active, the DAC register cannot be written to.
15
ALERT
Active High Output. This pin is asserted when there has been no SPI activity on the interface pins for a
predetermined time. See features section for more information.
16
FAULT
Active Low Output. This pin is asserted low when an open circuit in current mode is detected or a short
circuit in voltage mode is detected or a PEC error is detected or an over temperature is detected (see
Features section). Open Drain Output.
17
DGND
Digital Ground Pin.
18
RESET
Hardware Reset. Active Low Input.
19
AVDD
Positive Analog Supply Pin. Voltage ranges from 10.8 V to 33 V.
20
N/C
No Connection. Do not connect to this pin.
21
CHARTA
Hart Input Connection for DAC Channel A
22
IGATEA
Optional connection for external pass transistor. Not required when using DC-DC. Should be left unconnected.
23
COMPDCDC_A
DC-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of channel A’s DC-DC converter.
24
VBOOST_A
Supply for channel A’s current output stage (See Figure 14). To use the DC-DC feature of the device,
connect as shown in Figure 20.
25
N/C
No Connection. Do not connect to this pin.
26
IOUT_A
Current Output Pin for DAC Channel A.
27
AVSS
Negative Analog Supply Pin. This Can be connected to AGND.
28
N/C
No Connection. Do not connect to this pin.
29
CHARTB
Hart Input Connection for DAC Channel B
30
N/C
No Connection. Do not connect to this pin.
31
IGATEB
Optional connection for external pass transistor. Not required when using DC-DC. Should be left unconnected.
32
COMPDCDC_B
DC-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of channel B’s DC-DC converter.
33
IOUT_B
Current Output Pin for DAC Channel B.
34
VBOOST_B
Supply for channel B’s current output stage (See Figure 14). To use the DC-DC feature of the device,
connect as shown in Figure 1.
35
AGND
Ground Reference Point for Analog Circuitry. This must be connected to 0 V.
36
SW_B
Switching output for Channel B’s DC-DC circuitry. To use the DC-DC feature of the device, connect as
shown in Figure 1.
37
GNDSW_B
Ground connection for DC-DC switching circuit. This pin should always be connected to GND.
38
GNDSW_A
Ground connection for DC-DC switching circuit. This pin should always be connected to GND.
39
SW_A
Switching output for Channel A’s DC-DC circuitry. To use the DC-DC feature of the device, connect as
shown in Figure 1.
40
AVSS
Negative Analog Supply Pin.
41
SW_D
Switching output for Channel D’s DC-DC circuitry. To use the DC-DC feature of the device, connect as
shown in Figure 1.
42
GNDSW_D
Ground connections for DC-DC switching circuit. This pin should always be connected to GND.
43
GNDSW_C
Ground connections for DC-DC switching circuit. This pin should always be connected to GND.
44
SW_C
Switching output for Channel C’s DC-DC circuitry. To use the DC-DC feature of the device, connect as
shown in Figure 1.
45
AVCC
Supply for DC-DC circuitry.
46
VBOOST_C
Supply for channel C’s current output stage (See Figure 14). To use the DC-DC feature of the device,
connect as shown in Figure 1.
47
IOUT_C
Current Output Pin for DAC Channel C.
48
COMPDCDC_C
DC-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of channel C’s DC-DC converter.
49
IGATEC
Optional connection for external pass transistor. Not required when using DC-DC. Should be left unconnected.
50
N/C
No Connection. Do not connect to this pin.
51
CHARTC
Hart Input Connection for DAC Channel B
52
N/C
No Connection. Do not connect to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com