Electronic Components Datasheet Search
  English  ▼

X  

ADF7242 Datasheet(PDF) 67 Page - Analog Devices

Part # ADF7242
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADF7242 Datasheet HTML 63Page - Analog Devices ADF7242 Datasheet HTML 64Page - Analog Devices ADF7242 Datasheet HTML 65Page - Analog Devices ADF7242 Datasheet HTML 66Page - Analog Devices ADF7242 Datasheet HTML 67Page - Analog Devices ADF7242 Datasheet HTML 68Page - Analog Devices ADF7242 Datasheet HTML 69Page - Analog Devices ADF7242 Datasheet HTML 70Page - Analog Devices ADF7242 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
ADF7242
Rev. 0 | Page 67 of 108
CONFIGURATION VALUES COMMON TO IEEE
802.15.4 AND GFSK/FSK MODES
If it is desired to use RF Port 1 rather than RF Port 2 (see the RF
Port Configurations/Antenna Diversity section), the value
specific to the desired operating mode given in Table 36 should
be written to the relevant register field.
Table 36. Settings Required to Select Between LNA Port 1
and LNA Port 2
Address
Register Field
Value
0x39B [6:4]
rxfe_cfg,
lna_sel
0x0: LNA1
0x1: LNA2
CONFIGURATION VALUES FOR GFSK/FSK PACKET
AND SPORT MODES
If it is desired to use either GFSK/FSK packet or SPORT mode,
the host MCU should write the configuration values shown in
Table 37 to the given register locations. These are common to all
GFSK/FSK packet and SPORT modes. Depending on the
desired data rate, the relevant values from Table 38 should also
be written.
Table 37. Settings Common to All GFSK/FSK Configurations
Address
Register Name
Value
0x335
synt
0x28
0x3B2
agc_cfg1
0x34
0x3B4
agc_max
0x80
0x3B6
agc_cfg2
0x37
0x3B7
agc_cfg3
0x2A
0x3B8
agc_cfg4
0x1D
0x3BA
agc_cfg6
0x24
0x3BC
agc_cfg7
0x7B
0x3BF
ocl_cfg0
0x00
0x3C4
ocl_cfg1
0x07
0x3D2
ocl_bw0
0x1A
0x3D3
ocl_bw1
0x19
0x3D4
ocl_bw2
0x1E
0x3D5
ocl_bw3
0x1E
0x3D6
ocl_bw4
0x1E
0x3D7
ocl_bws
0x00
0x3E0
ocl_bw13
0xF0
0x3F3
preamble_num_validate
0x01
Table 38. Data Rate-Specific GFSK/FSK Settings
Address
Register or
Field Name
50 kbps
FSK
62.5 kbps
FSK
100 kbps
FSK
125 kbps
FSK
250 kbps
GFSK
500 kbps
GFSK
1 Mbps
GFSK
2 Mbps
GFSK
0x1021
fsk_preamble
0x04
(6 bytes)
0x04
(6 bytes)
0x05
(7 bytes)
0x05
(7 bytes)
0x05
(7 bytes)
0x05
(7 bytes)
0x07
(9 bytes)
0x09
(11 bytes)
0x304
tx_fd
0x03
0x06
0x03
0x06
0x0D
0x19
0x19
0x32
0x305
dm_cfg0
0x37
0x37
0x6B
0x37
0x19
0x0D
0x0D
0x06
0x306
tx_m
0x00
0x00
0x00
0x00
0x02
0x03
0x03
0x03
0x30E
dr0
0x01
0x02
0x03
0x04
0x09
0x13
0x27
0x4E
0x30F
dr1
0xF4
0x71
0xE8
0xE2
0xC4
0x88
0x10
0x20
0x389
Iirf_cfg
0x17
0x17
0x17
0x17
0x12
0x0A
0x05
0x05
0x38B
dm_cfg1
0x08
0x08
0x0D
0x11
0x20
0x3D
0x6E
0xAA
0x39B [3:0]
rxfe_cfg,
rxbb_bw_ana
0x6
0x6
0x6
0x6
0x6
0x6
0x6
0xD
1 This register should be written to in GFSK/FSK packet mode only. The preamble length transmitted that is given in this table is correct for the values of Register
preamble_num_validate given in Table 37 and Register sync_config given in Table 40, where sync_word0 is padded with one byte of preamble. Refer to the
Transmitter in GFSK/FSK Mode section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com