Electronic Components Datasheet Search
  English  ▼

X  

ADF7242 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF7242
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF7242 Datasheet HTML 13Page - Analog Devices ADF7242 Datasheet HTML 14Page - Analog Devices ADF7242 Datasheet HTML 15Page - Analog Devices ADF7242 Datasheet HTML 16Page - Analog Devices ADF7242 Datasheet HTML 17Page - Analog Devices ADF7242 Datasheet HTML 18Page - Analog Devices ADF7242 Datasheet HTML 19Page - Analog Devices ADF7242 Datasheet HTML 20Page - Analog Devices ADF7242 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 108 page
background image
ADF7242
Rev. 0 | Page 17 of 108
IEEE 802.15.4 RX SPORT Mode Timing Diagrams
Table 15. IEEE 802.15.4 RX SPORT Modes Configurations
Register rc_cfg, Field rc_mode
(0x13E[7:0])
Register gp_cfg, Field gpio_config
(0x32C[7:0])
Functionality
2
1
Bit clock and data available (see Figure 7)
0
7
Symbol clock and data available (see Figure 8)
t21
t21
t24
t23
t22
RC_PHY_RDY
RC_RX
t29
PREVIOUS STATE
RX
PHY_RDY
PREAMBLE
SFD
PHR
PSDU
tRX_MAC_DELAY
COMMAND
RC_STATUS
TRCLK_CKO_GP3
DR_GP0
TRCLK_CKO_GP3
DR_GP0
DATA
INVALID
.....
.....
.....
.....
.....
Figure 7. IEEE 802.15.4 RX SPORT Mode: Bit Clock and Data Available
t21
t21
RC_PHY_RDY
RC_RX
t26
t29
PREVIOUS STATE
RX
PHY_RDY
PREAMBLE
SFD
PHR
PSDU
tRX_MAC_DELAY
COMMAND
RC_STATUS
TRCLK_CKO_GP3
GP6, GP5, GP1, GP01
[3:0]
SYMBOL
[3:0]
[3:0] [3:0]
[3:0]
[3:0]
[3:0] [3:0]
1GP6 = RXEN_GP6
GP5 = TXEN_GP5
GP1 = DT_GP1
GP0 = DR_GP0
Figure 8. IEEE 802.15.4 RX SPORT Mode: Symbol Clock Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com