Electronic Components Datasheet Search
  English  ▼

X  

ADF7242 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF7242
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF7242 Datasheet HTML 23Page - Analog Devices ADF7242 Datasheet HTML 24Page - Analog Devices ADF7242 Datasheet HTML 25Page - Analog Devices ADF7242 Datasheet HTML 26Page - Analog Devices ADF7242 Datasheet HTML 27Page - Analog Devices ADF7242 Datasheet HTML 28Page - Analog Devices ADF7242 Datasheet HTML 29Page - Analog Devices ADF7242 Datasheet HTML 30Page - Analog Devices ADF7242 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 108 page
background image
ADF7242
Rev. 0 | Page 27 of 108
1.8
2.0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–90
–80
–70
–60
–50
–40
–30
–20
RF INPUT POWER LEVEL (dBm)
1.8V, +25°C
3.6V, +25°C
1.8V, –40°C
3.6V, –40°C
1.8V, +85°C
3.6V, +85°C
–85
–83
Figure 27. PER vs. RF Input Power Level vs. Temperature and VDD_BAT,
2 Mbps GFSK (fDEV = ±500 kHz) Mode, fCHANNEL = 2.45 GHz, RFIO2
1.8
2.0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–90
–80
–70
–60
–50
–40
–30
–20
RF INPUT POWER LEVEL (dBm)
1.8V, +25°C
3.6V, +25°C
1.8V, –40°C
3.6V, –40°C
1.8V, +85°C
3.6V, +85°C
–92.5
–90.5
Figure 28. PER vs. RF Input Power Level vs. Temperature and VDD_BAT,
500 kbps GFSK (fDEV = ±250 kHz) Mode, fCHANNEL = 2.45 GHz, RFIO2
1.8
2.0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–90
–100
–80
–70
–60
–50
–40
–30
–20
RF INPUT POWER LEVEL (dBm)
1.8V, +25°C
3.6V, +25°C
1.8V, –40°C
3.6V, –40°C
1.8V, +85°C
3.6V, +85°C
–92.5
–94.5
Figure 29. PER vs. RF Input Power Level vs. Temperature and VDD_BAT,
125 kbps FSK (fDEV = ±60 kHz) Mode, fCHANNEL = 2.45 GHz, RFIO2
–78
–96
–95
–94
–93
–92
–91
–97
–89
–88
–87
–86
–85
–84
–83
–82
–81
–80
–79
–90
2000
1000
500
250
125
100
62.5
50
DATA RATE (kbps)
VDD_BAT = 3.6V
TEMPERATURE = 25°C
Figure 30. 1% PER sensitivity vs. Data Rate, fCHANNEL = 2.45 GHz, RFIO2
–1
–2
–3
–4
–5
–6
–7
–8
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
RF INPUT POWER LEVEL (dBm)
–87
–86
1.8V, +25°C
3.6V, +25°C
1.8V, –40°C
3.6V, –40°C
1.8V, +85°C
3.6V, +85°C
Figure 31. BER vs. RF Input Power Level vs. Temperature and VDD_BAT,
2 Mbps GFSK (fDEV = ±500 kHz) Mode, fCHANNELS= 2.45 GHz, RFIO2
–1
–2
–3
–4
–5
–6
–7
–8
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
RF INPUT POWER LEVEL (dBm)
–90.5
–89
1.8V, +25°C
3.6V, +25°C
1.8V, –40°C
3.6V, –40°C
1.8V, +85°C
3.6V, +85°C
Figure 32. BER vs. RF Input Power Level vs. Temperature and VDD_BAT,
1 Mbps GFSK (fDEV = ±250 kHz) Mode, fCHANNEL = 2.45 GHz, RFIO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com