Electronic Components Datasheet Search
  English  ▼

X  

ADF7242 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF7242
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF7242 Datasheet HTML 4Page - Analog Devices ADF7242 Datasheet HTML 5Page - Analog Devices ADF7242 Datasheet HTML 6Page - Analog Devices ADF7242 Datasheet HTML 7Page - Analog Devices ADF7242 Datasheet HTML 8Page - Analog Devices ADF7242 Datasheet HTML 9Page - Analog Devices ADF7242 Datasheet HTML 10Page - Analog Devices ADF7242 Datasheet HTML 11Page - Analog Devices ADF7242 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
ADF7242
Rev. 0 | Page 8 of 108
Parameter
Min
Typ
Max
Unit
Test Conditions
Transmit Modulation Phase Error
7
Degrees
2 Mbps (fDEV = ±500 kHz) GFSK SPORT mode,
transmitter output power = 3 dBm
6.5
Degrees
1 Mbps (fDEV = ±250 kHz) GFSK SPORT mode,
transmitter output power = 3 dBm
4.5
Degrees
500 kbps (fDEV = ±250 kHz) GFSK SPORT mode,
transmitter output power = 3 dBm
6
Degrees
250 kbps (fDEV = ±130 kHz) GFSK SPORT mode,
transmitter output power = 3 dBm
4
Degrees
125 kbps (fDEV = ±60 kHz) FSK SPORT mode,
transmitter output power = 3 dBm
Transmit Modulation Error Rate (MER)
24
dB
2 Mbps GFSK SPORT mode, transmitter output
power = 3dBm; measured as the standard deviation
from ±500 kHz frequency deviation
24
dB
1 Mbps GFSK SPORT mode, transmitter output
power = 3 dBm; measured as the standard deviation
from ±250 kHz frequency deviation
24
dB
500 kbps GFSK SPORT mode, transmitter output
power = 3dBm; measured as the standard deviation
from ±250 kHz frequency deviation
24
dB
250 kbps GFSK SPORT mode, transmitter output
power = 3 dBm; measured as the standard deviation
from ±130 kHz frequency deviation
22
dB
125 kbps FSK SPORT mode, transmitter output
power = 3 dBm; measured as the standard deviation
from ±60 kHz frequency deviation
Transmit 20 dB Bandwidth
2 Mbps GFSK SPORT Mode
2520
kHz
2 Mbps (fDEV = ±500 kHz) GFSK SPORT mode
1 Mbps GFSK SPORT Mode
1250
kHz
1 Mbps (fDEV = ±250 kHz) GFSK SPORT mode
500 kbps GFSK SPORT Mode
985
kHz
500 kbps (fDEV = ±250 kHz) GFSK SPORT mode
250 kbps GFSK SPORT Mode
520
kHz
250 kbps (fDEV = ±130 kHz) GFSK SPORT mode
125 kbps GFSK SPORT Mode
302
kHz
125 kbps (fDEV = ±60 kHz) FSK SPORT mode
62.5 kbps FSK SPORT Mode
226
kHz
62.5 kbps (fDEV = ±60 kHz) FSK SPORT mode
Transmit Adjacent Channel Power
±First Channel
−53.5
dBm
2 Mbps GFSK SPORT mode, 5 MHz channel spacing
±Second Channel
−54.5
dBm
2.2 MHz channel bandwidth, transmitter output
power = 3 dBm
±First Channel
−27
dBm
250 kbps FSK SPORT mode, 300 kHz channel spacing
±Second Channel
−51.5
dBm
250 kHz channel bandwidth, transmitter output
power = 3 dBm
1 RBW = resolution bandwidth.
RECEIVER SPECIFICATIONS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions
GENERAL RECEIVER SPECIFICATIONS
RF Front-End LNA and Mixer IIP3
−13.6
dBm
At maximum gain, fBLOCKER1 = 5 MHz,
fBLOCKER2 = 10.1 MHz, PRF,IN = −35 dBm
−12.6
dBm
At maximum gain, fBLOCKER1 = 20 MHz,
fBLOCKER2 = 40.1 MHz,
PRF,IN = −35 dBm
−10.5
dBm
At maximum gain, fBLOCKER1 = 40 MHz,
fBLOCKER2 = 80.1 MHz,
PRF,IN = −35 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com