Electronic Components Datasheet Search
  English  ▼

X  

ADF7242 Datasheet(PDF) 72 Page - Analog Devices

Part # ADF7242
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADF7242 Datasheet HTML 68Page - Analog Devices ADF7242 Datasheet HTML 69Page - Analog Devices ADF7242 Datasheet HTML 70Page - Analog Devices ADF7242 Datasheet HTML 71Page - Analog Devices ADF7242 Datasheet HTML 72Page - Analog Devices ADF7242 Datasheet HTML 73Page - Analog Devices ADF7242 Datasheet HTML 74Page - Analog Devices ADF7242 Datasheet HTML 75Page - Analog Devices ADF7242 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
ADF7242
Rev. 0 | Page 72 of 108
SERIAL PERIPHERAL INTERFACE (SPI)
GENERAL CHARACTERISTICS
The ADF7242 is equipped with a 4-wire SPI interface, using the
SCLK, MISO, MOSI, and CS pins. The ADF7242 always acts as
a slave to the host MCU.
shows an example connec-
tion diagram between the host MCU and the ADF7242. The
diagram also shows the direction of the signal flow for each pin.
The SPI interface is active and the MISO output enabled only
while the
Figure 101
CS input is low. The interface uses a word length of
eight bits, which is compatible with the SPI hardware of most
microprocessors. The data transfer through the SPI interface
occurs with the most significant bit of address and data first.
Refer to
for the SPI interface timing diagram. The
MOSI input is sampled at the rising edge of SCLK. As
commands or data are shifted in from the MOSI input at the
SCLK rising edge, the status word or data is shifted out at the
MISO pin synchronous with the SCLK clock falling edge. If
Figure 3
CS
is brought low, the most significant bit of the status word
appears on the MISO output without the need for a rising clock
edge on the SCLK input.
SCLK
MOSI
MISO
IRQ2_TRFS_GP2
DR_GP0
DT_GP1
TRCLK_CKO_GP3
IRQ1_GP4
PF1
SCLK
MOSI
MISO
RFS
DR
DT
RSCLK
TSCLK
GPI
CS
ADF7242
VBAT
ADSP-21xx
OR
BLACKFIN
DSP
Figure 101. SPI Interface Connection
COMMAND ACCESS
The ADF7242 is controlled through commands. Command
words are single-byte instructions that control the state
transitions of the radio controller and access to the registers and
packet RAM. The complete list of valid commands is given in
Table 45. Commands with the RC prefix are handled by the
radio controller, whereas memory access commands, which
have the SPI prefix are handled by an independent controller.
Thus, SPI commands can be issued independent of the state of
the radio controller.
A command is initiated by bringing CS low and shifting in the
command word over the SPI as shown in
.
Figure 102
All commands are executed after CS goes high again or at the
next positive edge of the SCLK input. The latter condition
occurs in the case of a memory access command. In this case,
the command is executed on the positive SCLK clock edge
corresponding to the most significant bit of the first parameter
word. The CS input must be brought high again after a
command has been shifted into the ADF7242 to enable the
recognition of successive command words. This is because a
single command can be issued only during a CS low period
(with the exception of a double NOP command).
RC OR SPI
COMMAND
STATUS
CS
MOSI
MISO
Figure 102. Command Write
The execution of certain commands by the radio controller may
take several instruction cycles, during which the radio control-
ler unit is busy. Prior to issuing a radio controller command, it
is, therefore, necessary to read the status word to determine if
the ADF7242 is ready to accept a new radio controller command.
This is best accomplished by shifting in SPI_NOP commands,
which cause status words to be shifted out. The RC_READY
variable is used to indicate when the radio controller is ready to
accept a new RC command, whereas the SPI_READY variable
indicates when the memory can be accessed. To take the burden
of repeatedly polling the status word off the host MCU for
complex commands such as RC_RX, RX_TX, and RC_PHY_RDY,
the IRQ handler can be configured to generate an RC_READY
interrupt. See the Interrupt Controller section for details.
Otherwise, the user can program timeout periods according to
the command execution times provided under the state transi-
tion timing given in Table 10 and Table 11.
STATUS WORD
The status word of the ADF7242 is automatically returned over
the MISO each time a byte is transferred over the MOSI. The
meaning of the various status word bit fields is illustrated in
Table 46. The RC_STATUS field reflects the current state of the
radio controller. By definition, RC_STATUS reflects the state of
a completed state transition. During the state transition,
RC_STATUS maintains the value of the state from which the
state transition was invoked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com