Electronic Components Datasheet Search
  English  ▼

X  

MAX11206 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 5Page - Maxim Integrated Products MAX11206 Datasheet HTML 6Page - Maxim Integrated Products MAX11206 Datasheet HTML 7Page - Maxim Integrated Products MAX11206 Datasheet HTML 8Page - Maxim Integrated Products MAX11206 Datasheet HTML 9Page - Maxim Integrated Products MAX11206 Datasheet HTML 10Page - Maxim Integrated Products MAX11206 Datasheet HTML 11Page - Maxim Integrated Products MAX11206 Datasheet HTML 12Page - Maxim Integrated Products MAX11206 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
_______________________________________________________________________________________ 9
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Detailed Description
The MAX11206/MAX11207 are ultra-low-power (< 300FA
active), high-resolution, low-speed, serial-output ADCs.
These ADCs provide the highest resolution per unit power
in the industry, and are optimized for applications that
require very high dynamic range with low power such
as sensors on a 4mA to 20mA industrial control loop.
Optional input buffers provide isolation of the signal inputs
from the switched capacitor sampling network, allow-
ing the devices to be used with very high impedance
sources without compromising available dynamic range.
The devices provide a high-accuracy internal oscillator,
which requires no external components. When used with
the specified data rates, the internal digital filter provides
more than 144dB rejection of 50Hz or 60Hz line noise. The
devices are highly configurable using the SPI interface
and include four GPIOs for external mux control.
Analog Inputs
The devices accept two analog inputs (AINP, AINN) in
buffered or unbuffered mode. The input buffer isolates
the inputs from the capacitive load presented by the
modulator, allowing for high source-impedance analog
transducers. The value of the SIGBUF bit in the CTRL1
register determines whether the input buffer is enabled
or disabled. See Table 12.
Input Voltage Range
The modulator input range is programmable for bipolar
(-VREF to +VREF) or unipolar (0 to VREF) ranges. The
U/B bit in the CTRL1 register configures the MAX11206/
MAX11207 for unipolar or bipolar transfer functions. See
Table 12.
System Clock
The devices incorporate a highly stable internal oscillator
that provides the system clock. The system clock runs
the internal state machine and is trimmed to 2.4576MHz
or 2.048MHz. The internal oscillator clock is divided
down to run the digital and analog timing. The LINEF bit
in the CTRL1 register determines the internal oscillator
frequency. See Tables 10 and 12. Set LINEF = 0 to select
the 2.4576MHz oscillator and LINEF = 1 to select the
Table 1. Continuous Conversion with SCYCLE Bit = 0
Table 2. Single-Cycle Conversion with SCYCLE Bit = 1
*LINEF = 0 sets the clock frequency to 2.4576MHz and the input sampling frequency to 245.76kHz. LINEF bit = 1 sets the clock
frequency to 2.048MHz and the input sampling frequency to 204.8kHz.
*LINEF = 0 sets the clock frequency to 2.4576MHz and the input sampling frequency to 245.76kHz. LINEF bit = 1 sets the clock
frequency to 2.048MHz and the input sampling frequency to 204.8kHz.
RATE[2:0]
DATA RATE* (sps)
BIPOLAR NFR
(BITS)
BIPOLAR
ENOB
(BITS)
UNIPOLAR
NFR (BITS)
UNIPOLAR
ENOB
(BITS)
OUTPUT
NOISE
(µVRMS)
LINEF = 0
LINEF = 1
100
60
50
20.0
20.0
19.5
20.0
0.74
101
120
100
20.0
20.0
19.0
20.0
1.03
110
240
200
19.5
20.0
18.5
20.0
1.45
111
480
400
19.0
20.0
18.0
20.0
2.21
RATE[2:0]
SINGLE-CYCLE DATA RATE*
(sps)
BIPOLAR
NFR (BITS)
BIPOLAR
ENOB
(BITS)
UNIPOLAR
NFR (BITS)
UNIPOLAR
ENOB (BITS)
OUTPUT
NOISE
(µVRMS)
LINEF = 0
LINEF = 1
000
1
0.833
20.0
20.0
20.0
20.0
0.21
001
2.5
2.08
20.0
20.0
20.0
20.0
0.27
010
5
4.17
20.0
20.0
20.0
20.0
0.39
011
10
8.33
20.0
20.0
19.9
20.0
0.55
100
15
12.5
20.0
20.0
19.5
20.0
0.74
101
30
25
20.0
20.0
19.0
20.0
1.03
110
60
50
19.5
20.0
18.5
20.0
1.45
111
120
100
19.0
20.0
18.0
20.0
2.21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com