Electronic Components Datasheet Search
  English  ▼

X  

MAX11206 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 12Page - Maxim Integrated Products MAX11206 Datasheet HTML 13Page - Maxim Integrated Products MAX11206 Datasheet HTML 14Page - Maxim Integrated Products MAX11206 Datasheet HTML 15Page - Maxim Integrated Products MAX11206 Datasheet HTML 16Page - Maxim Integrated Products MAX11206 Datasheet HTML 17Page - Maxim Integrated Products MAX11206 Datasheet HTML 18Page - Maxim Integrated Products MAX11206 Datasheet HTML 19Page - Maxim Integrated Products MAX11206 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
16 _____________________________________________________________________________________
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Table 7. Operating Mode (MODE Bit)
Table 8. Command Byte (MODE = 0, LINEF = 0)
Table 9. Register Selection (MODE = 1)
COMMAND
START
MODE
CAL1
CAL0
IMPD
RATE2
RATE1
RATE0
Self-calibration cycle
1
0
0
1
0
0
0
0
System offset calibration cycle
1
0
1
0
0
0
0
0
System gain calibration
1
0
1
1
0
0
0
0
Immediate power-down
1
0
0
0
1
0
0
0
Convert 1sps
1
0
0
0
0
0
0
0
Convert 2.5sps
1
0
0
0
0
0
0
1
Convert 5sps
1
0
0
0
0
0
1
0
Convert 10sps
1
0
0
0
0
0
1
1
Convert 15sps
1
0
0
0
0
1
0
0
Convert 30sps
1
0
0
0
0
1
0
1
Convert 60sps
1
0
0
0
0
1
1
0
Convert 120sps
1
0
0
0
0
1
1
1
RS3
RS2
RS1
RS0
REGISTER ACCESS
POWER-ON RESET STATUS
REGISTER SIZE (BITS)
0
0
0
0
STAT1
0x00
8
0
0
0
1
CTRL1
0x02
8
0
0
1
0
CTRL2
0x0F
8
0
0
1
1
CTRL3
0x1E
8
0
1
0
0
DATA
0x000000
24
0
1
0
1
SOC
0x000000
24
0
1
1
0
SGC
0x000000
24
0
1
1
1
SCOC
0x000000
24
1
0
0
0
SCGC
0x000000
24
MODE BIT SETTING
OPERATING MODE
0
The command byte initiates a conversion or an immediate power-down. See Tables 5 and 8.
1
The device interprets the command byte as a register access byte, which is decoded as per
Tables 6 and 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com