Electronic Components Datasheet Search
  English  ▼

X  

MAX11206 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 8Page - Maxim Integrated Products MAX11206 Datasheet HTML 9Page - Maxim Integrated Products MAX11206 Datasheet HTML 10Page - Maxim Integrated Products MAX11206 Datasheet HTML 11Page - Maxim Integrated Products MAX11206 Datasheet HTML 12Page - Maxim Integrated Products MAX11206 Datasheet HTML 13Page - Maxim Integrated Products MAX11206 Datasheet HTML 14Page - Maxim Integrated Products MAX11206 Datasheet HTML 15Page - Maxim Integrated Products MAX11206 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12 _____________________________________________________________________________________
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Figure 1. Normal-Mode Frequency Response (2.4576MHz Oscillator, LINEF = 0)
Figure 2. Normal-Mode Frequency Response (2.048MHz Oscillator, LINEF = 1)
Table 4a. Data Command to Select Channel AIN1 in Figure 3
Table 4b. Set All Channels High Impedance in Figure 3
NORMAL MODE REJECTION
DATA RATE 10.0sps
FREQUENCY (Hz)
90
80
60
40
70
30
50
20
10
-130
-140
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-150
0
100
NORMAL MODE REJECTION
DATA RATE 120.0sps
FREQUENCY (Hz)
1800
1600
1200
800
1400
600
1000
400
200
-130
-140
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-150
0
2000
NORMAL MODE REJECTION
DATA RATE 8.333sps
FREQUENCY (Hz)
90
80
60
40
70
30
50
20
10
-130
-140
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-150
0
100
NORMAL MODE REJECTION
DATA RATE 100.000sps
FREQUENCY (Hz)
1800
1600
1200
800
1400
600
1000
400
200
-130
-140
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-150
0
2000
BIT
B7
B6
B5
B4
B3
B2
B1
B0
BIT NAME
DIR4
DIR3
DIR2
DIR1
DIO4
DIO3
DIO2
DIO1
VALUE
1
1
1
1
0
0
0
1
BIT
B7
B6
B5
B4
B3
B2
B1
B0
BIT NAME
DIR4
DIR3
DIR2
DIR1
DIO4
DIO3
DIO2
DIO1
VALUE
1
1
1
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com