Electronic Components Datasheet Search
  English  ▼

X  

MAX11206 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 13Page - Maxim Integrated Products MAX11206 Datasheet HTML 14Page - Maxim Integrated Products MAX11206 Datasheet HTML 15Page - Maxim Integrated Products MAX11206 Datasheet HTML 16Page - Maxim Integrated Products MAX11206 Datasheet HTML 17Page - Maxim Integrated Products MAX11206 Datasheet HTML 18Page - Maxim Integrated Products MAX11206 Datasheet HTML 19Page - Maxim Integrated Products MAX11206 Datasheet HTML 20Page - Maxim Integrated Products MAX11206 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
______________________________________________________________________________________ 17
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Table 10. Register Address Map
*These DGAIN_ bits set the digital gain for the MAX11206. These bits are don’t-care bits for the MAX11207.
REGISTER
NAME
R/W
ADDRESS
SEL (RS[3:0])
B7
B6
B5
B4
B3
B2
B1
B0
STAT1
R
0x0
SYSOR
RATE2
RATE1
RATE0
OR
UR
MSTAT
RDY
CTRL1
R/W
0x1
LINEF
U/B
EXTCLK
REFBUF
SIGBUF
FORMAT
SCYCLE RESERVED
CTRL2
R/W
0x2
DIR4
DIR3
DIR2
DIR1
DIO4
DIO3
DIO2
DIO1
CTRL3
R/W
0x3
DGAIN2*
DGAIN1*
DGAIN0*
NOSYSG
NOSYSO
NOSCG
NOSCO RESERVED
DATA
R
0x4
D[19:16]
D[15:8]
D[7:0]
SOC
R/W
0x5
B[23:16]
B[15:8]
B[7:0]
SGC
R/W
0x6
B[23:16]
B[15:8]
B[7:0]
SCOC
R/W
0x7
B[23:16]
B[15:8]
B[7:0]
SCGC
R/W
0x8
B[23:16]
B[15:8]
B[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com