Electronic Components Datasheet Search
  English  ▼

X  

MAX11206 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 19Page - Maxim Integrated Products MAX11206 Datasheet HTML 20Page - Maxim Integrated Products MAX11206 Datasheet HTML 21Page - Maxim Integrated Products MAX11206 Datasheet HTML 22Page - Maxim Integrated Products MAX11206 Datasheet HTML 23Page - Maxim Integrated Products MAX11206 Datasheet HTML 24Page - Maxim Integrated Products MAX11206 Datasheet HTML 25Page - Maxim Integrated Products MAX11206 Datasheet HTML 26Page - Maxim Integrated Products MAX11206 Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
24 _____________________________________________________________________________________
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Table 20. SCGC Register (Read/Write)
SCGC: Self-Calibration Gain Register
The self-calibration gain register is a 24-bit read/write register. The data written/read to/from this register is clocked
in/out MSB first. This register holds the self-calibration gain calibration value. The format is always in two’s complement
binary format. A write to the self-calibration register is allowed. The written value remains valid until it is either rewritten
or until an on-demand self-calibration operation is performed, which overwrites the user-supplied value. Any attempt
to write to this register during an active calibration operation is ignored.
The self-calibration gain value is used to scale the self-calibration offset corrected conversion result before the system
offset and gain calibration values have been applied, provided the NOSCG bit in the CTRL3 register is set to 0. The
self-calibration gain value scales the self-calibration offset corrected conversion result by up to 2x or can correct a gain
error of approximately -50%. The gain is corrected to within 2 LSB.
Table 21. Data Rates for All Combinations of RATE[2:0] (LINEF = 0)
Table 22. Data Rates for All Combinations of RATE[2:0] (LINEF = 1)
BIT
B23
B22
B21
B20
B19
B18
B17
B16
DEFAULT
0
0
0
0
0
0
0
0
BIT
B15
B14
B13
B12
B11
B10
B9
B8
DEFAULT
0
0
0
0
0
0
0
0
BIT
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0
0
0
0
0
0
0
0
RATE[2:0]
SINGLE-CYCLE DATA RATE (sps)
CONTINUOUS DATA RATE (sps)
000
1
—
001
2.5
—
010
5
—
011
10
—
100
15
60
101
30
120
110
60
240
111
120
480
RATE[2:0]
SINGLE-CYCLE DATA RATE (sps)
CONTINUOUS DATA RATE (sps)
000
0.833
—
001
2.08
—
010
4.17
—
011
8.33
—
100
12.5
50
101
25
100
110
50
200
111
100
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com