Electronic Components Datasheet Search
  English  ▼

X  

MAX11206 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 16Page - Maxim Integrated Products MAX11206 Datasheet HTML 17Page - Maxim Integrated Products MAX11206 Datasheet HTML 18Page - Maxim Integrated Products MAX11206 Datasheet HTML 19Page - Maxim Integrated Products MAX11206 Datasheet HTML 20Page - Maxim Integrated Products MAX11206 Datasheet HTML 21Page - Maxim Integrated Products MAX11206 Datasheet HTML 22Page - Maxim Integrated Products MAX11206 Datasheet HTML 23Page - Maxim Integrated Products MAX11206 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20 _____________________________________________________________________________________
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
CTRL2: Control 2 Register
The byte-wide CTRL2 register is a bidirectional read/write register. The byte written to the CTRL2 register controls the
direction and values of the digital I/O ports.
DIR[4:1]: The direction bits configure the direction of the DIO bit. When a DIR bit is set to 0, the associated DIO bit
is configured as an input and the value returned by a read of the DIO bit is the value being driven on the associated
GPIO. When a DIR bit is set to 1, the associated DIO bit is configured as an output and the GPIO port is driven to a
logic value of the associated DIO bit.
DIO[4:1]: The data input/output bits are bits associated with the GPIO ports. When a DIO is configured as an input,
the value read from the DIO bit is the logic value being driven at the GPIO port. When the direction is configured as an
output, the GPIO port is driven to a logic value associated with the DIO bit.
CTRL3: Control 3 Register
The byte-wide CTRL3 register is a bidirectional read/write register. The CTRL3 register controls the operation and
calibration of the device.
DGAIN[2:0] (MAX11206 only): The digital gain bits control the input referred gain. With a gain of 1, the input range is
0 to VREF (unipolar) or ±VREF (bipolar). As the gain in increased by 2x, the input range is reduced to 0 to VREF/gain
or ±VREF/gain. Digital gain is applied to the final offset and gain-calibrated digital data. The DGAIN[2:0] bits decode
to digital gains as follows:
000 = 1
100 = 16
001 = 2
101 = 32
010 = 4
110 = 64
011 = 8
111 = 128
NOSYSG: The no-system gain bit, NOSYSG, controls the system gain calibration coefficient. A 1 in this bit location disables
the use of the system gain value when computing the final offset and gain corrected data value. A 0 in this location enables
the use of the system gain value when computing the final offset and gain corrected data value.
NOSYSO: The no system offset bit, NOSYSO, controls the system offset calibration coefficient. A 1 in this location disables
the use of the system offset value when computing the final offset and gain corrected data value. A 0 in this location enables
the use of the system offset value when computing the final offset and gain corrected data value.
NOSCG: The no self-calibration gain bit, NOSCG, controls the self-calibration gain calibration coefficient. A 1 in this location
disables the use of the self-calibration gain value when computing the final offset and gain corrected data value. A 0 in this
location enables the use of the self-calibration gain value when computing the final offset and gain corrected data value.
NOSCO: The no self-calibration offset bit, NOSCO, controls the use of the self-calibration offset calibration coefficient. A 1 in
this location disables the use of the self-calibration offset value when computing the final offset and gain corrected data value.
A 0 in this location enables the use of the self-calibration offset value when computing the final offset and gain corrected data
value.
Table 13. CTRL2 Register (Read/Write)
Table 14. CTRL3 Register (Read/Write)
*These DGAIN_ bits are don’t-care bits for the MAX11207.
BIT
B7
B6
B5
B4
B3
B2
B1
B0
BIT NAME
DIR4
DIR3
DIR2
DIR1
DIO4
DIO3
DIO2
DIO1
DEFAULT
0
0
0
0
1
1
1
1
BIT
B7
B6
B5
B4
B3
B2
B1
B0
BIT NAME
DGAIN2*
DGAIN1*
DGAIN0*
NOSYSG
NOSYSO
NOSCG
NOSCO
RESERVED
DEFAULT
0
0
0
1
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com