Electronic Components Datasheet Search
  English  ▼

X  

41210 Datasheet(PDF) 1 Page - Intel Corporation

Part # 41210
Description  Intel 41210 Serial to Parallel PCI Bridge
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

41210 Datasheet(HTML) 1 Page - Intel Corporation

  41210 Datasheet HTML 1Page - Intel Corporation 41210 Datasheet HTML 2Page - Intel Corporation 41210 Datasheet HTML 3Page - Intel Corporation 41210 Datasheet HTML 4Page - Intel Corporation 41210 Datasheet HTML 5Page - Intel Corporation 41210 Datasheet HTML 6Page - Intel Corporation 41210 Datasheet HTML 7Page - Intel Corporation 41210 Datasheet HTML 8Page - Intel Corporation 41210 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Order Number: 278875-005US
May 2005
Intel® 41210 Serial to Parallel PCI Bridge
Datasheet
Product Features
■
PCI Express Specification, Revision 1.0a
■
Support for single x8, single x4 or single x1
PCI Express operation.
■
64-bit addressing support
■
32-bit CRC (cyclic redundancy checking)
covering all transmitted data packets.
■
16-bit CRC on all link message
information.
■
Raw bit-rate on the data pins of 2.5 Gbit/s,
resulting in a raw bandwidth per pin of
250 MB/s.
■
Maximum realized bandwidth on PCI
Express interface is 2 GB/s (in x8 mode) in
each direction simultaneously, for an
aggregate of 4 GB/s.
■
PCI Local Bus Specification, Revision 2.3.
■
PCI-to-PCI Bridge Specification,
Revision 1.1.
■
PCI-X Addendum to the PCI Local Bus
Specification, Revision 1.0b
■
64-bit 66 MHz, 3.3 V, NOT 5 V tolerant.
■
On Die Termination (ODT) with 8.3KOhm
pull-up to 3.3V for PCI signals.
■
Six external REQ/GNT Pairs for internal
arbiter on segment A and B respectively.
■
Programmable bus parking on either the
last agent or always on the 41210 Bridge
■
2-level programmable round-robin internal
arbiter with Multi-Transaction Timer
(MTT)
■
External PCI clock-feed support for
asynchronous primary and secondary
domain operation.
■
64-bit addressing for upstream and
downstream transactions
■
Downstream LOCK# support.
■
No upstream LOCK# support.
■
PCI fast Back-to-Back capable as target.
■
Up to four active and four pending
upstream memory read transactions
■
Up to two downstream delayed (memory
read, I/O read/write and configuration read/
write) transaction.
■
Tunable inbound read prefetch algorithm
for PCI MRM/MRL commands
■
Device hiding support for secondary PCI
devices.
■
Secondary bus Private Memory support via
Opaque memory region
■
Local initialization via SMBus
■
Secondary side initialization via Type 0
configuration cycles.
■
Full peer-to-peer read/write capability
between the two secondary PCI segments.


Similar Part No. - 41210

ManufacturerPart #DatasheetDescription
logo
Seme LAB
412101 SEME-LAB-412101 Datasheet
1Mb / 11P
Visible Light Detector
More results

Similar Description - 41210

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8152A PERICOM-PI7C8152A Datasheet
118Kb / 3P
ENHANCED 2- PORT TO PCI BRIDGE INTEL 21152 COMPORISON
logo
Intel Corporation
21150 INTEL-21150 Datasheet
1Mb / 164P
PCI-to-PCI Bridge
logo
PLX Technology
OX12PCI840 PLX-OX12PCI840 Datasheet
146Kb / 2P
PCI Bridge to Parallel Port
OXPCIE952 PLX-OXPCIE952 Datasheet
314Kb / 2P
PCI Express to Dual Serial and Parallel Port
OXUPCI952 PLX-OXUPCI952 Datasheet
493Kb / 3P
Universal PCI bridge to dual serial and parallel port
OXUPCI954 PLX-OXUPCI954 Datasheet
505Kb / 3P
Universal PCI bridge to quad serial and parallel port
logo
Intel Corporation
NQ41210SL7JE INTEL-NQ41210SL7JE Datasheet
822Kb / 52P
Intel짰 41210 Serial to Parallel PCI Bridge
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V01 Datasheet
511Kb / 88P
PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com