Electronic Components Datasheet Search
  English  ▼

X  

41210 Datasheet(PDF) 32 Page - Intel Corporation

Part # 41210
Description  Intel 41210 Serial to Parallel PCI Bridge
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

41210 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 41210 Datasheet HTML 28Page - Intel Corporation 41210 Datasheet HTML 29Page - Intel Corporation 41210 Datasheet HTML 30Page - Intel Corporation 41210 Datasheet HTML 31Page - Intel Corporation 41210 Datasheet HTML 32Page - Intel Corporation 41210 Datasheet HTML 33Page - Intel Corporation 41210 Datasheet HTML 34Page - Intel Corporation 41210 Datasheet HTML 35Page - Intel Corporation 41210 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
41210 Bridge — Datasheet
32
1. See the timing measurement conditions in Section 3.5, “Timing Specifications” on page 28.
2. Minimum times are measured at the package pin (not the test point) with the load circuit shown in the PCI-X
Electrical and Mechanical Addendum, Revision 2.0a. Maximum times are measured with the test point and
load circuit shown in PCI-X Electrical and Mechanical Addendum, Revision 2.0a.
3. See the timing measurement conditions in Section 3.5, “Timing Specifications” on page 28 and the PCI-X
Electrical and Mechanical Addendum, Revision 2.0a.
4. RST# is asserted and deasserted asynchronously with respect to CLK.
5. For purposes of Active/Float timing measurements, the Hi-Z or "off" state is defined to be when the total
current delivered through the component pin is less than or equal to the leakage current specification
6. Setup time applies only when the device is not driving the pin. Devices cannot drive and receive signals at
the same time.
7. Maximum value is also limited by delay to the first transaction (Trhfa). The PCI-X initialization pattern control
signals after the rising edge of RSTIN# must be deasserted no later than two clocks before the first
PxFRAME# and must be floated no later than one clock before PxFRAME# is asserted.
8. Device must meet this specification independent of how many outputs switch simultaneously.
Ton
Float to Active Delay
0
0
ns
1, 6, 8
Toff
Active to Float Delay
7
7
ns
1, 6, 8
Tsu
Input Setup Time to CLK
1.2
1.7
ns
3, 7
Th
Input Hold Time from CLK
0.5
0.5
ns
3
Trst
Reset Active Time after power
stable
11
ms
4
Trst-clk
Reset Active Time after CLK stable
100
100
µs4
Trst-off
Reset Active to output float delay
40
40
ns
4
Trrsu
PxREQ64# to RSTIN# setup time
10
10
ns
Trrh
RSTIN# to PxREQ64# hold Time
0
50
0
50
ns
7
Trhfa
RSTIN# high to first configuration
access
226
226
clocks
Trhff
RSTIN# high to first PxFRAME#
Assertion
55
clocks
Tpvrh
Power valid to RSTIN# high
100
100
ms
Tprsu
PCI-X initialization pattern to
RSTIN# setup time
10
10
clocks
Tprh
RSTIN# to PCI-X initialization
pattern hold time
0
50
0
50
ns
7
Trlcx
Delay from RSTIN# low to CLK
frequency change
00
ns
Table 25.
PCI-X 3.3V Signal Timing Parameters (Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com