Electronic Components Datasheet Search
  English  ▼

X  

41210 Datasheet(PDF) 35 Page - Intel Corporation

Part # 41210
Description  Intel 41210 Serial to Parallel PCI Bridge
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

41210 Datasheet(HTML) 35 Page - Intel Corporation

Back Button 41210 Datasheet HTML 31Page - Intel Corporation 41210 Datasheet HTML 32Page - Intel Corporation 41210 Datasheet HTML 33Page - Intel Corporation 41210 Datasheet HTML 34Page - Intel Corporation 41210 Datasheet HTML 35Page - Intel Corporation 41210 Datasheet HTML 36Page - Intel Corporation 41210 Datasheet HTML 37Page - Intel Corporation 41210 Datasheet HTML 38Page - Intel Corporation 41210 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Datasheet — 41210 Bridge
35
3.5.4
41210 Bridge Clock Timings
1. Period, jitter, offset and skew measured on rising edge @ 1.5V for 3.3V clocks.
Table 27.
41210 Bridge Clock Timings
Symbol
Parameter
Min
Max
Units
Notes
CLK100
Tperiod
Average Period
10.0
10.2
ns
6
Trise
Rise time across 600 mV
300
600
ps
7,8
Tfall
Fall time across 600 mV
300
600
ps
7,8
—
Rise/Fall Matching
20%
7,9
—
Cross point at 1 V
0.51
0.76
V
Tccjitter
Cycle to Cycle jitter
200
ps
—Duty Cycle
45
55
%
—
Maximum voltage allowed at input
1.45
V
—
Minimum voltage allowed at input
-200
mV
—
Rising edge ringback
0.85
V
—
Falling edge ring back
0.35
V
CLK133
Tperiod
Average Period
7.5
7.65
ns
6
Trise
Rise time across 600 mV
300
600
ps
7,8
Tfall
Fall time across 600 mV
300
600
ps
7,8
—
Rise/Fall Matching
20%
7,9
—
Cross point at 1V
0.51
0.76
V
Tccjitter
Cycle to Cycle jitter
125
ps
10
—Duty Cycle
45
55
%
—
Maximum voltage allowed at input
1.45
V
—
Minimum voltage allowed at input
-200
mV
—
Rising edge ringback
0.85
V
—
Falling edge ring back
0.35
V
CLK33
Tperiod
CLK period
30.0
N/A
ns
1,2
Thigh
CLK high time
12.0
N/A
ns
3
Tlow
CLK low time
12.0
N/A
ns
4
—
Rising edge rate
1.0
4.0
V/ns
5
—
Falling edge rate
1.0
4.0
V/ns
5
Trise
CLK rise time
0.5
2.0
ns
5
Tfall
CLK fall time
0.5
2.0
ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com