Electronic Components Datasheet Search
  English  ▼

X  

41210 Datasheet(PDF) 28 Page - Intel Corporation

Part # 41210
Description  Intel 41210 Serial to Parallel PCI Bridge
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

41210 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 41210 Datasheet HTML 24Page - Intel Corporation 41210 Datasheet HTML 25Page - Intel Corporation 41210 Datasheet HTML 26Page - Intel Corporation 41210 Datasheet HTML 27Page - Intel Corporation 41210 Datasheet HTML 28Page - Intel Corporation 41210 Datasheet HTML 29Page - Intel Corporation 41210 Datasheet HTML 30Page - Intel Corporation 41210 Datasheet HTML 31Page - Intel Corporation 41210 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
41210 Bridge — Datasheet
28
3.5
Timing Specifications
3.5.1
PCI Express Interface Timing
3.5.1.1
Differential Transmitter (TX) AC Output Specifications
Table 22 defines the AC specifications of parameters for the differential output at all transmitters
(TXs). The parameters are specified at the component pins.
1. No test load is necessarily associated with this value.
2. Specified at the measurement point into a timing and voltage compliance test load as shown in Figure 2,
“Compliance Test/Measurement Load” on page 23 and measured over any 250 consecutive TX UIs. (Also
refer to the Transmitter Compliance Eye Diagram as shown in Minimum Transmitter Timing and Voltage
Output Compliance Specification.)
3. A TTX-EYE = 0.70 UI provides for a total sum of deterministic and random jitter budget of TTX-JITTER-MAX =
0.30 UI for the transmitter collected over any 250 consecutive TX UIs. The TTX-EYE-MEDIAN-to-MAX-JITTER
specification ensures a jitter distribution in which the median and the maximum deviation from the median is
less than half of the total TX jitter budget collected over any 250 consecutive TX UIs. It should be noted that
the median is not the same as the mean. The jitter median describes the point in time where the number of
jitter points on either side is approximately equal as opposed to the averaged time value.
Table 22.
Differential Transmitter (TX) AC Output Specifications
Symbol
Parameter
Min
Nom
Max
Units
Comments
UI
Unit Interval
399.88
400
400.12
ps
Each UI is 400 ps +/-300 ppm. UI
does not account for SSC dictated
variations.
See Note 1.
TTX-EYE
Minimum TX Eye
Width
0.70
UI
The maximum transmitter jitter
can be derived as TTX-MAX-JITTER
= 1 - TTX-EYE = .3 UI
See Notes 2 and 3.
TTX-EYE-
MEDIAN-to-
MAX-JITTER
Maximum time
between the jitter
median and
maximum deviation
for the median
0.15
UI
Jitter is defined as the
measurement variation of the
crossing points (VTX-DIFFp-p = 0V)
in relation to an appropriate
average TX UI.
See Notes 2 and 3.
TTX-RISE,
TTX-FALL
D+/D- TX Output
Rise/Fall Time
0.125
UI
See Notes 2 and 4.
TTX-IDLE-
MIN
Minimum time spent
in Electrical Idle
50
UI
Minimum time a transmitter must
be in electrical idle.
TTX-IDLE-
SET-
TO-IDLE
Maximum time to
transition to a valid
Electrical Idle after
sending an Electrical
Idle ordered-set
20
UI
After sending an electrical idle
ordered-set, the transmitter must
meet all electrical idle
specifications within this time.
TTX-IDLE-
RCV-
DETECT-
MAX
Maximum time spent
in Electrical Idle
before initiating a
receiver detect
sequence.
100
ms
Maximum time spent in Electrical
Idle before initiating a receiver
detect sequence.
LTX-SKEW
Lane-to-Lane Output
Skew
500
ps
Between any two Lanes within a
single Transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com