Electronic Components Datasheet Search
  English  ▼

X  

41210 Datasheet(PDF) 40 Page - Intel Corporation

Part # 41210
Description  Intel 41210 Serial to Parallel PCI Bridge
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

41210 Datasheet(HTML) 40 Page - Intel Corporation

Back Button 41210 Datasheet HTML 36Page - Intel Corporation 41210 Datasheet HTML 37Page - Intel Corporation 41210 Datasheet HTML 38Page - Intel Corporation 41210 Datasheet HTML 39Page - Intel Corporation 41210 Datasheet HTML 40Page - Intel Corporation 41210 Datasheet HTML 41Page - Intel Corporation 41210 Datasheet HTML 42Page - Intel Corporation 41210 Datasheet HTML 43Page - Intel Corporation 41210 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
41210 Bridge — Datasheet
40
Package Specification and Ballout
4
4.1
Package Specification
The 41210 Bridge is in a 567-ball FCBGA package, 31mm X 31mm in size, with a 1.27mm ball
pitch (see Figure 9 and Figure 10).
Figure 9.
41210 Bridge Package Dimensions (Top View)
Pkg_567-Ball_Top
0.550in.
Handling
Exclusion
Area
Die Area
17.00mm
21.00mm
31.00mm
0.550in.
17.00mm
21.00mm
31.00mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com