Electronic Components Datasheet Search
  English  ▼

X  

41210 Datasheet(PDF) 23 Page - Intel Corporation

Part # 41210
Description  Intel 41210 Serial to Parallel PCI Bridge
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

41210 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 41210 Datasheet HTML 19Page - Intel Corporation 41210 Datasheet HTML 20Page - Intel Corporation 41210 Datasheet HTML 21Page - Intel Corporation 41210 Datasheet HTML 22Page - Intel Corporation 41210 Datasheet HTML 23Page - Intel Corporation 41210 Datasheet HTML 24Page - Intel Corporation 41210 Datasheet HTML 25Page - Intel Corporation 41210 Datasheet HTML 26Page - Intel Corporation 41210 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
Datasheet — 41210 Bridge
23
The test load is shown at the transmitter package reference plane, but the same Test/Measurement
load is applicable to the receiver package reference plane. CTX is an optional portion of the
measurement test load. The measurement should be taken on the opposite side of the capacitor
from the package, and the value of the CTX must be in the range of 75 nF to 200 nF.
.
The RX eye diagram must be aligned in time using the jitter median to locate the center of the eye
diagram. The eye diagram must be valid for any 250 consecutive UIs. An appropriate average TX
UI must be used as the interval for measuring the eye diagram.
Figure 2.
Compliance Test/Measurement Load
Figure 3.
Minimum Receiver Eye Timing and Voltage Compliance Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com