Electronic Components Datasheet Search
  English  ▼

X  

41210 Datasheet(PDF) 37 Page - Intel Corporation

Part # 41210
Description  Intel 41210 Serial to Parallel PCI Bridge
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

41210 Datasheet(HTML) 37 Page - Intel Corporation

Back Button 41210 Datasheet HTML 33Page - Intel Corporation 41210 Datasheet HTML 34Page - Intel Corporation 41210 Datasheet HTML 35Page - Intel Corporation 41210 Datasheet HTML 36Page - Intel Corporation 41210 Datasheet HTML 37Page - Intel Corporation 41210 Datasheet HTML 38Page - Intel Corporation 41210 Datasheet HTML 39Page - Intel Corporation 41210 Datasheet HTML 40Page - Intel Corporation 41210 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Datasheet — 41210 Bridge
37
Table 28.
41210 Bridge Maximum Voltage Plane Currents
Table 29 provides details on the maximum nominal draw from the power planes by the 41210
Bridge for use in thermal design.
Table 29.
41210 Bridge Thermal Voltage Plane Currents
3.7
Power Delivery Guidelines
Please refer to the Intel® 41210 Serial to Parallel PCI Bridge Design Guide.
3.8
Reference and Compensation Pins
The 41210 Bridge has one reference pin and three compensation pins:
• PE_RCOMP[1:0] are two separate pins that provide voltage compensation for the PCI
Express interface on the 41210 Bridge. The nominal compensation voltage is 0.5V. An
external 24.9 ±1% pull-up resistor should be used to connect to VCC15. A single pull-up
resistor can be used to for both of these signals.
Power Plane
Maximum Voltage Plane Current (Amps)
Frequency (MHz)
133
100
66
Number of Slots
1
2
4
IVCC15 (core 1.5V)
1.68
1.61
1.55
IVCC15 (I/O 1.5V)
0.22
0.22
0.22
VCCBGPE
0.005
0.005
0.005
IVCCPE (PCI Express 1.5V)
0.70
0.70
0.70
IVCC33 (PCI/PCI-X Mode 1 3.3V)
1
1.
Per PCI-X Bus segment
1.05
1.14
1.22
Power Plane
Thermal Voltage Plane Current (Amps)
Frequency (MHz)
133
100
66
Number of Slots
1
2
4
IVCC15 (core 1.5V)
1.24
1.18
1.11
IVCC15 (I/O 1.5V)
0.22
0.22
0.22
VCCBGPE
0.005
0.005
0.005
IVCCPE (PCI Express 1.5V)
0.69
0.69
0.69
IVCC33 (PCI/PCI-X Mode 1 3.3V)
1
1.
Per PCI-X Bus segment
0.99
1.04
1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com