Electronic Components Datasheet Search
  English  ▼

X  

440 Datasheet(PDF) 67 Page - Intel Corporation

Part # 440
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 67 Page - Intel Corporation

Back Button 440 Datasheet HTML 63Page - Intel Corporation 440 Datasheet HTML 64Page - Intel Corporation 440 Datasheet HTML 65Page - Intel Corporation 440 Datasheet HTML 66Page - Intel Corporation 440 Datasheet HTML 67Page - Intel Corporation 440 Datasheet HTML 68Page - Intel Corporation 440 Datasheet HTML 69Page - Intel Corporation 440 Datasheet HTML 70Page - Intel Corporation 440 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
Datasheet
67
Land Listing and Signal Descriptions
BPM[5:0]#
Input/
Output
BPM[5:0]# (Breakpoint Monitor) are breakpoint and performance
monitor signals. They are outputs from the processor which indicate
the status of breakpoints and programmable counters used for
monitoring processor performance. BPM[5:0]# should connect the
appropriate pins/lands of all processor FSB agents.
BPM4# provides PRDY# (Probe Ready) functionality for the TAP
port. PRDY# is a processor output used by debug tools to determine
processor debug readiness.
BPM5# provides PREQ# (Probe Request) functionality for the TAP
port. PREQ# is used by debug tools to request debug operation of
the processor.
These signals do not have on-die termination. Refer to Section 2.6.2
for termination requirements.
BPRI#
Input
BPRI# (Bus Priority Request) is used to arbitrate for ownership of
the processor FSB. It must connect the appropriate pins/lands of all
processor FSB agents. Observing BPRI# active (as asserted by the
priority agent) causes all other agents to stop issuing new requests,
unless such requests are part of an ongoing locked operation. The
priority agent keeps BPRI# asserted until all of its requests are
completed, then releases the bus by de-asserting BPRI#.
BR0#
Input/
Output
BR0# drives the BREQ0# signal in the system and is used by the
processor to request the bus. During power-on configuration this
signal is sampled to determine the agent ID = 0.
This signal does not have on-die termination and must be
terminated.
BSEL[2:0]
Output
The BCLK[1:0] frequency select signals BSEL[2:0] are used to select
the processor input clock frequency. Table 15 defines the possible
combinations of the signals and the frequency associated with each
combination. The required frequency is determined by the
processor, chipset and clock synthesizer. All agents must operate at
the same frequency. For more information about these signals,
including termination recommendations refer to Section 2.8.2.
COMP8
COMP[3:0]
Analog
COMP[3:0] and COMP8 must be terminated to VSS on the system
board using precision resistors.
Table 25.
Signal Description ( (Sheet 2 of 9))
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com