Electronic Components Datasheet Search
  English  ▼

X  

440 Datasheet(PDF) 31 Page - Intel Corporation

Part # 440
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 31 Page - Intel Corporation

Back Button 440 Datasheet HTML 27Page - Intel Corporation 440 Datasheet HTML 28Page - Intel Corporation 440 Datasheet HTML 29Page - Intel Corporation 440 Datasheet HTML 30Page - Intel Corporation 440 Datasheet HTML 31Page - Intel Corporation 440 Datasheet HTML 32Page - Intel Corporation 440 Datasheet HTML 33Page - Intel Corporation 440 Datasheet HTML 34Page - Intel Corporation 440 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
Datasheet
31
Electrical Specifications
Figure 4.
Differential Clock Crosspoint Specification
660 670 680 690 700 710 720 730 740 750 760 770 780 790 800 810 820 830 840 850
200
250
300
350
400
450
500
550
600
650
VHavg (mV)
550 mV
250 mV
250 + 0.5 (VHavg - 700)
550 + 0.5 (VHavg - 700)
Figure 5.
Differential Measurements
+150 mV
-150 mV
0.0 V
0.0V
Slew_ris e
+150 mV
- 150 mV
V_swing
Slew _fall
Diff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com