Electronic Components Datasheet Search
  English  ▼

X  

440 Datasheet(PDF) 94 Page - Intel Corporation

Part # 440
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 94 Page - Intel Corporation

Back Button 440 Datasheet HTML 90Page - Intel Corporation 440 Datasheet HTML 91Page - Intel Corporation 440 Datasheet HTML 92Page - Intel Corporation 440 Datasheet HTML 93Page - Intel Corporation 440 Datasheet HTML 94Page - Intel Corporation 440 Datasheet HTML 95Page - Intel Corporation 440 Datasheet HTML 96Page - Intel Corporation 440 Datasheet HTML 97Page - Intel Corporation 440 Datasheet HTML 98Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
Boxed Processor Specifications
94
Datasheet
7.1.2
Boxed Processor Fan Heatsink Weight
The boxed processor fan heatsink will not weigh more than 450 grams. See Chapter 5
and the Intel® Celeron® Processor 400 Series Thermal and Mechanical Design
Guidelines for details on the processor weight and heatsink requirements.
7.1.3
Boxed Processor Retention Mechanism and Heatsink
Attach Clip Assembly
The boxed processor thermal solution requires a heatsink attach clip assembly, to
secure the processor and fan heatsink in the baseboard socket. The boxed processor
will ship with the heatsink attach clip assembly.
7.2
Electrical Requirements
7.2.1
Fan Heatsink Power Supply
The boxed processor's fan heatsink requires a +12 V power supply. A fan power cable
will be shipped with the boxed processor to draw power from a power header on the
baseboard. The power cable connector and pinout are shown in Figure 27. Baseboards
must provide a matched power header to support the boxed processor. Table 33
contains specifications for the input and output signals at the fan heatsink connector.
The fan heatsink outputs a SENSE signal, which is an open- collector output that pulses
at a rate of 2 pulses per fan revolution. A baseboard pull-up resistor provides VOH to
match the system board-mounted fan speed monitor requirements, if applicable. Use of
the SENSE signal is optional. If the SENSE signal is not used, pin 3 of the connector
should be tied to GND.
NOTES:
1.
Pin 1: Ground; black wire.
2.
Pin 2: Power, +12 V; yellow wire.
3.
Pin 3: Signal, Open collector tachometer output signal requirement: 2 pulses per
revolution; green wire.
Figure 27.
Boxed Processor Fan Heatsink Power Cable Connector Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com