Electronic Components Datasheet Search
  English  ▼

X  

440 Datasheet(PDF) 95 Page - Intel Corporation

Part # 440
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 95 Page - Intel Corporation

Back Button 440 Datasheet HTML 91Page - Intel Corporation 440 Datasheet HTML 92Page - Intel Corporation 440 Datasheet HTML 93Page - Intel Corporation 440 Datasheet HTML 94Page - Intel Corporation 440 Datasheet HTML 95Page - Intel Corporation 440 Datasheet HTML 96Page - Intel Corporation 440 Datasheet HTML 97Page - Intel Corporation 440 Datasheet HTML 98Page - Intel Corporation 440 Datasheet HTML 99Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
Datasheet
95
Boxed Processor Specifications
7.3
Thermal Specifications
This section describes the cooling requirements of the fan heatsink solution used by the
boxed processor.
7.3.1
Boxed Processor Cooling Requirements
The boxed processor may be directly cooled with a fan heatsink. However, meeting the
processor's temperature specification is also a function of the thermal design of the
entire system, and ultimately the responsibility of the system integrator. The processor
temperature specification is listed in Chapter 5. The boxed processor fan heatsink is
able to keep the processor temperature within the specifications (see Table ) in chassis
that provide good thermal management. For the boxed processor fan heatsink to
operate properly, it is critical that the airflow provided to the fan heatsink is
unimpeded. Airflow of the fan heatsink is into the center and out of the sides of the fan
heatsink. Airspace is required around the fan to ensure that the airflow through the fan
heatsink is not blocked. Blocking the airflow to the fan heatsink reduces the cooling
efficiency and decreases fan life. Figure 29 and Figure 30 illustrate an acceptable
airspace clearance for the fan heatsink. The air temperature entering the fan should be
kept below 38 ºC. Again, meeting the processor's temperature specification is the
responsibility of the system integrator.
Figure 28.
Baseboard Power Header Placement Relative to Processor Socket
Boxed Proc PwrHeaderPlacement
B
C
R110
[4.33]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com