Electronic Components Datasheet Search
  English  ▼

X  

440 Datasheet(PDF) 91 Page - Intel Corporation

Part # 440
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 91 Page - Intel Corporation

Back Button 440 Datasheet HTML 87Page - Intel Corporation 440 Datasheet HTML 88Page - Intel Corporation 440 Datasheet HTML 89Page - Intel Corporation 440 Datasheet HTML 90Page - Intel Corporation 440 Datasheet HTML 91Page - Intel Corporation 440 Datasheet HTML 92Page - Intel Corporation 440 Datasheet HTML 93Page - Intel Corporation 440 Datasheet HTML 94Page - Intel Corporation 440 Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
Datasheet
91
Boxed Processor Specifications
7
Boxed Processor Specifications
The processor will also be offered as an Intel boxed processor. Intel boxed processors
are intended for system integrators who build systems from baseboards and standard
components. The boxed processor will be supplied with a cooling solution. This chapter
documents baseboard and system requirements for the cooling solution that will be
supplied with the boxed processor. This chapter is particularly important for OEMs that
manufacture baseboards for system integrators. Unless otherwise noted, all figures in
this chapter are dimensioned in millimeters and inches [in brackets]. Figure 23 shows a
mechanical representation of a boxed processor.
Note:
Drawings in this chapter reflect only the specifications on the Intel boxed processor
product. These dimensions should not be used as a generic keep-out zone for all
cooling solutions. It is the system designers’ responsibility to consider their proprietary
cooling solution when designing to the required keep-out zone on their system
platforms and chassis. Refer to the Intel® Celeron® Processor 400 Series Thermal and
Mechanical Design Guidelines for further guidance.
NOTE: The airflow of the fan heatsink is into the center and out of the sides of the fan heatsink.
Figure 23.
Mechanical Representation of the Boxed Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com