Electronic Components Datasheet Search
  English  ▼

X  

440 Datasheet(PDF) 76 Page - Intel Corporation

Part # 440
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 76 Page - Intel Corporation

Back Button 440 Datasheet HTML 72Page - Intel Corporation 440 Datasheet HTML 73Page - Intel Corporation 440 Datasheet HTML 74Page - Intel Corporation 440 Datasheet HTML 75Page - Intel Corporation 440 Datasheet HTML 76Page - Intel Corporation 440 Datasheet HTML 77Page - Intel Corporation 440 Datasheet HTML 78Page - Intel Corporation 440 Datasheet HTML 79Page - Intel Corporation 440 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
Thermal Specifications and Design Considerations
76
Datasheet
complete thermal solution designs target the Thermal Design Power (TDP) indicated in
Table instead of the maximum processor power consumption. The Thermal Monitor
feature is designed to protect the processor in the unlikely event that an application
exceeds the TDP recommendation for a sustained periods of time. For more details on
the usage of this feature, refer to Section 5.2. To ensure maximum flexibility for future
requirements, systems should be designed to the 775_VR_CONFIG_06 guidelines, even
if a processor with a lower thermal dissipation is currently planned. In all cases the
Thermal Monitor or Thermal Monitor 2 feature must be enabled for the processor to
remain within specification.
Table 26.
Processor Thermal Specifications
Processor
Number
Core
Frequency
(GHz)
Thermal
Design
Power (W)
Extended
HALT
Power (W)1
NOTES:
1. Specification is at 35 °C TC and typical voltage loadline.
775_VR_
CONFIG_06
Guidance2
2. 775_VR_CONFIG_06 guidelines provide a design target for meeting future thermal requirements.
Minimum
TC (°C)
Maximum
TC (°C)
Notes
420
1.6
35.0
8
775_VR_CONFIG
_06
5
See Table 27,
Figure 16
3, 4
3. Thermal Design Power (TDP) should be used for processor thermal solution design targets. The TDP is not the maximum power
that the processor can dissipate.
4. This table shows the maximum TDP for a given frequency range. Individual processors may have a lower TDP. Therefore, the
maximum TC will vary depending on the TDP of the individual processor. Refer to thermal profile figure and associated table for
the allowed combinations of power and TC.
430
1.8
35.0
8
5
3, 4
440
2.0
35.0
8
5
3, 4
450
2.2
35.0
8
5
3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com