Electronic Components Datasheet Search
  English  ▼

X  

440 Datasheet(PDF) 78 Page - Intel Corporation

Part # 440
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 78 Page - Intel Corporation

Back Button 440 Datasheet HTML 74Page - Intel Corporation 440 Datasheet HTML 75Page - Intel Corporation 440 Datasheet HTML 76Page - Intel Corporation 440 Datasheet HTML 77Page - Intel Corporation 440 Datasheet HTML 78Page - Intel Corporation 440 Datasheet HTML 79Page - Intel Corporation 440 Datasheet HTML 80Page - Intel Corporation 440 Datasheet HTML 81Page - Intel Corporation 440 Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
Thermal Specifications and Design Considerations
78
Datasheet
5.1.2
Thermal Metrology
The maximum and minimum case temperatures (TC) for the processor is specified in
Table 26. This temperature specification is meant to help ensure proper operation of
the processor. Figure 17 illustrates where Intel recommends TC thermal measurements
should be made. For detailed guidelines on temperature measurement methodology,
refer to the Intel® Celeron® Processor 400 Series Thermal and Mechanical Design
Guidelines.
5.2
Processor Thermal Features
5.2.1
Thermal Monitor
The Thermal Monitor feature helps control the processor temperature by activating the
thermal control circuit (TCC) when the processor silicon reaches its maximum operating
temperature. The TCC reduces processor power consumption by modulating (starting
and stopping) the internal processor core clocks. The Thermal Monitor feature must
be enabled for the processor to be operating within specifications. The
temperature at which Thermal Monitor activates the thermal control circuit is not user
configurable and is not software visible. Bus traffic is snooped in the normal manner,
and interrupt requests are latched (and serviced during the time that the clocks are on)
while the TCC is active.
When the Thermal Monitor feature is enabled, and a high temperature situation exists
(i.e., TCC is active), the clocks will be modulated by alternately turning the clocks off
and on at a duty cycle specific to the processor (typically 30–50%). Clocks often will
not be off for more than 3.0 microseconds when the TCC is active. Cycle times are
processor speed dependent and will decrease as processor core frequencies increase. A
small amount of hysteresis has been included to prevent rapid active/inactive
transitions of the TCC when the processor temperature is near its maximum operating
temperature. Once the temperature has dropped below the maximum operating
temperature, and the hysteresis timer has expired, the TCC goes inactive and clock
modulation ceases.
With a properly designed and characterized thermal solution, it is anticipated that the
TCC would only be activated for very short periods of time when running the most
power intensive applications. The processor performance impact due to these brief
Figure 17.
Case Temperature (TC) Measurement Location
37.5 mm
Measure T
C a t this point
(geometric center of the package)
37.5 mm
Measure T
C a t this point
(geometric center of the package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com