Electronic Components Datasheet Search
  English  ▼

X  

440 Datasheet(PDF) 87 Page - Intel Corporation

Part # 440
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 87 Page - Intel Corporation

Back Button 440 Datasheet HTML 83Page - Intel Corporation 440 Datasheet HTML 84Page - Intel Corporation 440 Datasheet HTML 85Page - Intel Corporation 440 Datasheet HTML 86Page - Intel Corporation 440 Datasheet HTML 87Page - Intel Corporation 440 Datasheet HTML 88Page - Intel Corporation 440 Datasheet HTML 89Page - Intel Corporation 440 Datasheet HTML 90Page - Intel Corporation 440 Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
Datasheet
87
Features
6
Features
6.1
Power-On Configuration Options
Several configuration options can be configured by hardware. The processor samples
the hardware configuration at reset, on the active-to-inactive transition of RESET#. For
specifications on these options, refer to Table 32.
The sampled information configures the processor for subsequent operation. These
configuration options cannot be changed except by another reset. All resets reconfigure
the processor; for reset purposes, the processor does not distinguish between a
"warm" reset and a "power-on" reset.
Frequency determination functionality will exist on engineering sample processors
which means that samples can run at varied frequencies. Production material will have
the bus to core ratio locked and can only be operated at the rated frequency.
NOTE:
1.
Asserting this signal during RESET# will select the corresponding option.
2.
Address signals not identified in this table as configuration options should not be asserted
during RESET#.
6.2
Clock Control and Low Power States
The processor allows the use of AutoHALT and Stop-Grant states which may reduce
power consumption by stopping the clock to internal sections of the processor,
depending on each particular state. See Figure 22 for a visual representation of the
processor low power states.
Table 32.
Power-On Configuration Option Signals
Configuration Option
Signal1,2
Output tristate
SMI#
Execute BIST
A3#
Disable dynamic bus parking
A25#
Symmetric agent arbitration ID
BR0#
RESERVED
A[8:4]#, A[24:11]#, A[35:26]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com