Electronic Components Datasheet Search
  English  ▼

X  

D915GAV Datasheet(PDF) 71 Page - Intel Corporation

Part # D915GAV
Description  Intel Desktop Boards Technical Product Specification
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D915GAV Datasheet(HTML) 71 Page - Intel Corporation

Back Button D915GAV Datasheet HTML 67Page - Intel Corporation D915GAV Datasheet HTML 68Page - Intel Corporation D915GAV Datasheet HTML 69Page - Intel Corporation D915GAV Datasheet HTML 70Page - Intel Corporation D915GAV Datasheet HTML 71Page - Intel Corporation D915GAV Datasheet HTML 72Page - Intel Corporation D915GAV Datasheet HTML 73Page - Intel Corporation D915GAV Datasheet HTML 74Page - Intel Corporation D915GAV Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 106 page
background image
Technical Reference
71
Table 27.
SCSI Hard Drive Activity LED
Connector (Optional)
Pin
Signal Name
1
SCSI_ACT#
2
No connect
Table 28.
Serial ATA Connectors
Pin
Signal Name
1
Ground
2
TXP
3
TXN
4
Ground
5
RXN
6
RXP
7
Ground
Table 29.
Processor Fan Connector
Pin
Signal Name
1
Ground
2
+12 V
3
FAN_TACH
4
FAN_CONTROL
2.8.2.1
Chassis Fan Connectors
The D915GAV board has three standard and one optional chassis fan connectors:
• Front chassis fan
• Rear chassis fan 1
• Rear chassis fan 2
• ATX fan connector (optional)
The D915GAG board has two chassis fan connectors:
• Front chassis fan
• Rear chassis fan
Table 30 lists the signal names for the chassis fan connectors. These signal names apply to all
chassis fan connectors for both boards.
Table 30.
Chassis Fan Connectors
Pin
Signal Name
1
Control
2
+12 V
3
Tach



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com