Electronic Components Datasheet Search
  English  ▼

X  

D915GAV Datasheet(PDF) 18 Page - Intel Corporation

Part # D915GAV
Description  Intel Desktop Boards Technical Product Specification
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D915GAV Datasheet(HTML) 18 Page - Intel Corporation

Back Button D915GAV Datasheet HTML 14Page - Intel Corporation D915GAV Datasheet HTML 15Page - Intel Corporation D915GAV Datasheet HTML 16Page - Intel Corporation D915GAV Datasheet HTML 17Page - Intel Corporation D915GAV Datasheet HTML 18Page - Intel Corporation D915GAV Datasheet HTML 19Page - Intel Corporation D915GAV Datasheet HTML 20Page - Intel Corporation D915GAV Datasheet HTML 21Page - Intel Corporation D915GAV Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 106 page
background image
Intel Desktop Board D915GAV/D915GAG Technical Product Specification
18
1.3.4
Block Diagram
Figure 3 is a block diagram of the major functional areas of the boards.
D915GAG only
D915GAV
only
Intel 915G Chipset
Intel 82801FB
I/O Controller Hub
(ICH6)
Intel 82915G
Graphics and
Memory Controller
Hub (GMCH)
4 Mbit
Firmware Hub
(FWH)
System Bus
(800/533 MHz)
LGA775
Processor Socket
Parallel ATA
IDE Connector
Diskette Drive
Connector
LPC Bus
I/O
Controller
PS/2 Keyboard
PS/2 Mouse
Parallel Port
Serial Ports
Parallel ATA
IDE Interface
LPC Bus
Hardware Monitoring
and Fan Control ASIC
OM17551
Audio
Codec
Retasking Jack F [Port 2]
Line Out/Retasking Jack D
CD-ROM (optional)
Retasking Jack E [Port 1]
LAN
Connector
10/100
LAN PLC
(Optional)
PCI Express
x16 Interface
PCI Express
x16
Connector
= connector or socket
PCI Bus
SMBus
USB
Dual-Channel
Memory Bus
SMBus
PCI Slot 1
PCI Slot 2
PCI Slot 3
PCI Slot 4
Mic In/Retasking Jack B
Line In/Retasking Jack C
S/PDIF (optional)
Serial ATA IDE
Connectors (4)
Serial ATA
IDE Interface
VGA
Port
Display Interface
Channel A
DIMMs (2)
Channel B
DIMMs (2)
Back Panel/Front Panel
USB Ports
PCI Bus
TPM Component
(Optional)
IEEE-1394a Connectors
(Optional)
D915GAV
only
PCI Express x1 Slot 1
PCI Express x1 Slot 2
PCI Express x1 Interface
LAN
Connector
Gigabit Ethernet
Controller (Optional)
Figure 3. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com