Electronic Components Datasheet Search
  English  ▼

X  

D915GAV Datasheet(PDF) 33 Page - Intel Corporation

Part # D915GAV
Description  Intel Desktop Boards Technical Product Specification
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D915GAV Datasheet(HTML) 33 Page - Intel Corporation

Back Button D915GAV Datasheet HTML 29Page - Intel Corporation D915GAV Datasheet HTML 30Page - Intel Corporation D915GAV Datasheet HTML 31Page - Intel Corporation D915GAV Datasheet HTML 32Page - Intel Corporation D915GAV Datasheet HTML 33Page - Intel Corporation D915GAV Datasheet HTML 34Page - Intel Corporation D915GAV Datasheet HTML 35Page - Intel Corporation D915GAV Datasheet HTML 36Page - Intel Corporation D915GAV Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
Product Description
33
1.10.1
Audio Subsystem Software
Audio software and drivers are available from Intel’s World Wide Web site.
For information about
Refer to
Obtaining audio software and drivers
Section 1.4, page 19
1.10.2
Audio Connectors
The boards contain audio connector on both the back panel and the component side of the board.
The component-side audio connectors include the following:
• Front panel audio (a 2 x 5-pin connector that provides mic in and line out signals for front panel
audio connectors)
• ATAPI CD-ROM (an optional 1 x 4-pin ATAPI-style connector for connecting an internal
ATAPI CD-ROM drive to the audio mixer)
• S/PDIF (an optional 1 x 3 connector that provides S/PDIF output signals)
The functions of the back panel audio connectors are dependent on which subsystem is present.
For information about
Refer to
The location of the front panel audio connector, the optional ATAPI CD-ROM
connector, and the optional S/PDIF connector on the D915GAV board
Figure 19, page 66
The location of the front panel audio connector, the optional ATAPI CD-ROM
connector, and the optional S/PDIF connector on the D915GAG board
Figure 20, page 68
The signal names of the front panel audio connector
Table 24, page 70
The signal names of the optional ATAPI CD-ROM connector
Table 23, page 70
The signal names of the optional S/PDIF connector
Table 22, page 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com