Electronic Components Datasheet Search
  English  ▼

X  

D915GAV Datasheet(PDF) 47 Page - Intel Corporation

Part # D915GAV
Description  Intel Desktop Boards Technical Product Specification
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D915GAV Datasheet(HTML) 47 Page - Intel Corporation

Back Button D915GAV Datasheet HTML 43Page - Intel Corporation D915GAV Datasheet HTML 44Page - Intel Corporation D915GAV Datasheet HTML 45Page - Intel Corporation D915GAV Datasheet HTML 46Page - Intel Corporation D915GAV Datasheet HTML 47Page - Intel Corporation D915GAV Datasheet HTML 48Page - Intel Corporation D915GAV Datasheet HTML 49Page - Intel Corporation D915GAV Datasheet HTML 50Page - Intel Corporation D915GAV Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
Product Description
47
1.13.2.7
Wake from PS/2 Devices
PS/2 device activity wakes the computer from an ACPI S1 or S3 state.
1.13.2.8
PME# Signal Wake-up Support
When the PME# signal on the PCI Conventional bus is asserted, the computer wakes from an ACPI
S1, S3, S4, or S5 state (with Wake on PME enabled in BIOS).
1.13.2.9
WAKE# Signal Wake-up Support
When the WAKE# signal on the PCI Express bus is asserted, the computer wakes from an ACPI
S1, S3, S4, or S5 state.
1.13.2.10
+5 V Standby Power Indicator LED
The +5 V standby power indicator LED shows that power is still present even when the computer
appears to be off. Figure 16 shows the location of the standby power indicator LED in the
D915GAV board. The LED is in the same location on the D915GAG board.
CAUTION
If AC power has been switched off and the standby power indicator is still lit, disconnect the power
cord before installing or removing any devices connected to the board. Failure to do so could
damage the board and any attached devices.
OM16668
CR3J1
Figure 16. Location of the Standby Power Indicator LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com