Electronic Components Datasheet Search
  English  ▼

X  

D915GAV Datasheet(PDF) 53 Page - Intel Corporation

Part # D915GAV
Description  Intel Desktop Boards Technical Product Specification
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D915GAV Datasheet(HTML) 53 Page - Intel Corporation

Back Button D915GAV Datasheet HTML 49Page - Intel Corporation D915GAV Datasheet HTML 50Page - Intel Corporation D915GAV Datasheet HTML 51Page - Intel Corporation D915GAV Datasheet HTML 52Page - Intel Corporation D915GAV Datasheet HTML 53Page - Intel Corporation D915GAV Datasheet HTML 54Page - Intel Corporation D915GAV Datasheet HTML 55Page - Intel Corporation D915GAV Datasheet HTML 56Page - Intel Corporation D915GAV Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 106 page
background image
Product Description
53
4. Follow the instructions during the Security Platform Initialization, and append the Emergency
Recovery Archive to the existing archive.
5. Provide all the necessary passwords, files, and file locations as requested. It may take up to 20
minutes for Security Platform Initialization Wizard to restore the security platform settings.
6. Start User Initialization Wizard. Select “Recover Your Basic User Key” when prompted.
Specify the original Basic User Key password and proceed with the wizard.
7. When re-configuring the Personal Secure Drive, select “I want to change my Personal Secure
Drive setting”, confirm the drive letter and name are correct, and then proceed through the rest
of the wizard.
8. Restart the system when requested.
9. To restore access to the EMBASSY Trust Suite, right mouse click on the Key Transfer
Manager icon located in the taskbar in the lower right corner of the screen, and select Restore
TPM Keys.
10. Provide all the necessary passwords, files, and file locations as requested by the Key Transfer
Manager.
11. Upon successful completion of all steps, you should be able to access previously encrypted
files.
1.14.8
Clearing Trusted Platform Module Ownership
WARNING
Disconnect the desktop board's power supply from its AC power source before you connect or
disconnect cables, or install or remove any board components. Failure to do this can result in
personal injury or equipment damage. Some circuitry on the desktop board can continue to
operate even though the front panel power switch is off.
CAUTION
DATA ENCRYPTED BY ANY PROGRAM UTILIZING THE TPM WILL BECOME
INACCESSIBLE IF TPM OWNERSHIP IS CLEARED. Recovery procedures may allow the
migratable keys to be recovered and might restore access to encrypted data. (Review the Recovery
Procedures for detailed instructions).
The TPM may be cleared to transfer ownership of the platform to a new owner.
1. Observe precautions in the above WARNING then open the system case.
2. Move the configuration jumper on the board to pins 2-3.
3. Restore power to the PC and power on.
4. System should automatically enter BIOS setup.
5. Use the arrow keys to select Clear Trusted Platform Module, press <Enter>.
6. If you agree to the warning message select Ok and press <Enter>.
7. Press the <F10> key to save and exit, select Ok and press <Enter>.
8. Power off the system.
9. Review precautions in the WARNING above.
10. Restore the configuration jumper on the board to pins 1-2.
When cleared, the TPM module is disabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com