Electronic Components Datasheet Search
  English  ▼

X  

D915GAV Datasheet(PDF) 45 Page - Intel Corporation

Part # D915GAV
Description  Intel Desktop Boards Technical Product Specification
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D915GAV Datasheet(HTML) 45 Page - Intel Corporation

Back Button D915GAV Datasheet HTML 41Page - Intel Corporation D915GAV Datasheet HTML 42Page - Intel Corporation D915GAV Datasheet HTML 43Page - Intel Corporation D915GAV Datasheet HTML 44Page - Intel Corporation D915GAV Datasheet HTML 45Page - Intel Corporation D915GAV Datasheet HTML 46Page - Intel Corporation D915GAV Datasheet HTML 47Page - Intel Corporation D915GAV Datasheet HTML 48Page - Intel Corporation D915GAV Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
Product Description
45
Resume on Ring enables telephony devices to access the computer when it is in a power-managed
state. The method used depends on the type of telephony device (external or internal).
NOTE
The use of Resume on Ring and Wake from USB technologies from an ACPI state requires an
operating system that provides full ACPI support.
1.13.2.1
Power Connector
ATX12V-compliant power supplies can turn off the system power through system control. When
an ACPI-enabled system receives the correct command, the power supply removes all non-standby
voltages.
When resuming from an AC power failure, the computer returns to the power state it was in before
power was interrupted (on or off). The computer’s response can be set using the Last Power State
feature in the BIOS Setup program’s Boot menu.
For information about
Refer to
The location of the main power connector on the D915GAV board
Figure 19, page 66
The location of the main power connector on the D915GAG board
Figure 20, page 68
The signal names of the main power connector
Table 31, page 72
1.13.2.2
Fan Connectors
The function/operation of the fan connectors is as follows:
• The fans are on when the board is in the S0 or S1 state.
• The fans are off when the board is off or in the S3, S4, or S5 state.
• Each fan connector is wired to a fan tachometer input of the hardware monitoring and fan
control ASIC.
• All fan connectors support closed-loop fan control that can adjust the fan speed or switch the
fan on or off as needed.
• All fan connectors have a +12 V DC connection.
For information about
Refer to
The location of the fan connectors on the D915GAV board
Figure 19, page 66
The location of the fan connectors on the D915GAG board
Figure 20, page 68
The location of the fan connectors and sensors for thermal monitoring on the
D915GAV board
Figure 14, page 39
The location of the fan connectors and sensors for thermal monitoring on the
D915GAG board
Figure 15, page 40
The signal names of the processor fan connector
Table 29, page 71
The signal names of the chassis fan connectors
Table 30, page 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com