Electronic Components Datasheet Search
  English  ▼

X  

D915GAV Datasheet(PDF) 32 Page - Intel Corporation

Part # D915GAV
Description  Intel Desktop Boards Technical Product Specification
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D915GAV Datasheet(HTML) 32 Page - Intel Corporation

Back Button D915GAV Datasheet HTML 28Page - Intel Corporation D915GAV Datasheet HTML 29Page - Intel Corporation D915GAV Datasheet HTML 30Page - Intel Corporation D915GAV Datasheet HTML 31Page - Intel Corporation D915GAV Datasheet HTML 32Page - Intel Corporation D915GAV Datasheet HTML 33Page - Intel Corporation D915GAV Datasheet HTML 34Page - Intel Corporation D915GAV Datasheet HTML 35Page - Intel Corporation D915GAV Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
Intel Desktop Board D915GAV/D915GAG Technical Product Specification
32
1.9.3
Diskette Drive Controller
The I/O controller supports one diskette drive. Use the BIOS Setup program to configure the
diskette drive interface.
For information about
Refer to
The location of the diskette drive connector on the D915GAV board
Figure 19, page 66
The location of the diskette drive connector on the D915GAG board
Figure 20, page 68
1.9.4
Keyboard and Mouse Interface
PS/2 keyboard and mouse connectors are located on the back panel.
NOTE
The keyboard is supported in the bottom PS/2 connector and the mouse is supported in the top PS/2
connector. Power to the computer should be turned off before a keyboard or mouse is connected or
disconnected.
For information about
Refer to
The location of the keyboard and mouse connectors
Figure 18, page 64
1.10 Audio Subsystem
The boards support the Intel High Definition audio subsystem based on the Realtek ALC860 codec.
The audio subsystem supports the following features:
• Advanced jack sense (front and rear panel) that enables the audio codec to recognize the device
that is connected to an audio port. All jacks are capable of retasking according to user’s
definition, or can be automatically switched depending on the recognized device type.
• Stereo input and output for all jacks
• A signal-to-noise (S/N) ratio of 90 dB
INTEGRATOR’S NOTE
For the front panel jack sensing and automatic retasking feature to function, a front panel daughter
card that is designed for Intel High Definition Audio must be used. Otherwise, an AC ’97 style
audio front panel connector will be assumed and the Line Out and Mic In functions will be
permanent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com