Electronic Components Datasheet Search
  English  ▼

X  

D915GAV Datasheet(PDF) 46 Page - Intel Corporation

Part # D915GAV
Description  Intel Desktop Boards Technical Product Specification
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D915GAV Datasheet(HTML) 46 Page - Intel Corporation

Back Button D915GAV Datasheet HTML 42Page - Intel Corporation D915GAV Datasheet HTML 43Page - Intel Corporation D915GAV Datasheet HTML 44Page - Intel Corporation D915GAV Datasheet HTML 45Page - Intel Corporation D915GAV Datasheet HTML 46Page - Intel Corporation D915GAV Datasheet HTML 47Page - Intel Corporation D915GAV Datasheet HTML 48Page - Intel Corporation D915GAV Datasheet HTML 49Page - Intel Corporation D915GAV Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
Intel Desktop Board D915GAV/D915GAG Technical Product Specification
46
1.13.2.3
LAN Wake Capabilities
CAUTION
For LAN wake capabilities, the +5 V standby line for the power supply must be capable of
providing adequate +5 V standby current. Failure to provide adequate standby current when
implementing LAN wake capabilities can damage the power supply.
LAN wake capabilities enable remote wake-up of the computer through a network. The LAN
network adapter monitors network traffic at the Media Independent Interface. Upon detecting a
Magic Packet* frame, the LAN subsystem asserts a wake-up signal that powers up the computer.
Depending on the LAN implementation, the boards support LAN wake capabilities with ACPI in
the following ways:
• The PCI Express WAKE# signal
• The PCI Conventional bus PME# signal for PCI 2.2 compliant LAN designs
• The onboard LAN subsystem
1.13.2.4
Instantly Available PC Technology
CAUTION
For Instantly Available PC technology, the +5 V standby line for the power supply must be capable
of providing adequate +5 V standby current. Failure to provide adequate standby current when
implementing Instantly Available PC technology can damage the power supply.
Instantly Available PC technology enables the boards to enter the ACPI S3 (Suspend-to-RAM)
sleep-state. While in the S3 sleep-state, the computer will appear to be off (the power supply is off,
and the front panel LED is amber if dual colored, or off if single colored.) When signaled by a
wake-up device or event, the system quickly returns to its last known wake state. Table 12 on page
44 lists the devices and events that can wake the computer from the S3 state.
The boards support the PCI Bus Power Management Interface Specification. Add-in boards that
also support this specification can participate in power management and can be used to wake the
computer.
The use of Instantly Available PC technology requires operating system support and PCI 2.2
compliant add-in cards, PCI Express add-in cards, and drivers.
1.13.2.5
Resume on Ring
The operation of Resume on Ring can be summarized as follows:
• Resumes operation from ACPI S1 or S3 states
• Detects incoming call similarly for external and internal modems
• Requires modem interrupt be unmasked for correct operation
1.13.2.6
Wake from USB
USB bus activity wakes the computer from ACPI S1 or S3 states.
NOTE
Wake from USB requires the use of a USB peripheral that supports Wake from USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com