Electronic Components Datasheet Search
  English  ▼

X  

S5000PAL Datasheet(PDF) 104 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 104 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 100Page - Intel Corporation S5000PAL Datasheet HTML 101Page - Intel Corporation S5000PAL Datasheet HTML 102Page - Intel Corporation S5000PAL Datasheet HTML 103Page - Intel Corporation S5000PAL Datasheet HTML 104Page - Intel Corporation S5000PAL Datasheet HTML 105Page - Intel Corporation S5000PAL Datasheet HTML 106Page - Intel Corporation S5000PAL Datasheet HTML 107Page - Intel Corporation S5000PAL Datasheet HTML 108Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Appendix D: POST Error Messages and Handling
Revision 1.7
Intel order number: D31979-010
105
Error Code
Error Message
Response
84FF
System event log full
Pause
8500
Memory Component could not be configured in the selected RAS mode.
Pause
8520
DIMM_A1 failed Self Test (BIST).
Pause
8521
DIMM_A2 failed Self Test (BIST).
Pause
8522
DIMM_A3 failed Self Test (BIST).
Pause
8523
DIMM_A4 failed Self Test (BIST).
Pause
8524
DIMM_B1 failed Self Test (BIST).
Pause
8525
DIMM_B2 failed Self Test (BIST).
Pause
8526
DIMM_B3 failed Self Test (BIST).
Pause
8527
DIMM_B4 failed Self Test (BIST).
Pause
8528
DIMM_C1 failed Self Test (BIST).
Pause
8529
DIMM_C2 failed Self Test (BIST).
Pause
852A
DIMM_C3 failed Self Test (BIST).
Pause
852B
DIMM_C4 failed Self Test (BIST).
Pause
852C
DIMM_D1 failed Self Test (BIST).
Pause
852D
DIMM_D2 failed Self Test (BIST).
Pause
852E
DIMM_D3 failed Self Test (BIST).
Pause
852F
DIMM_D4 failed Self Test (BIST).
Pause
8540
Memory Component lost redundancy during the last boot.
Pause
8580
DIMM_A1 Correctable ECC error encountered.
Pause
8581
DIMM_A2 Correctable ECC error encountered.
Pause
8582
DIMM_A3 Correctable ECC error encountered.
Pause
8583
DIMM_A4 Correctable ECC error encountered.
Pause
8584
DIMM_B1 Correctable ECC error encountered.
Pause
8585
DIMM_B2 Correctable ECC error encountered.
Pause
8586
DIMM_B3 Correctable ECC error encountered.
Pause
8587
DIMM_B4 Correctable ECC error encountered.
Pause
8588
DIMM_C1 Correctable ECC error encountered.
Pause
8589
DIMM_C2 Correctable ECC error encountered.
Pause
858A
DIMM_C3 Correctable ECC error encountered.
Pause
858B
DIMM_C4 Correctable ECC error encountered.
Pause
858C
DIMM_D1 Correctable ECC error encountered.
Pause
858D
DIMM_D2 Correctable ECC error encountered.
Pause
858E
DIMM_D3 Correctable ECC error encountered.
Pause
858F
DIMM_D4 Correctable ECC error encountered.
Pause
8600
Primary and secondary BIOS IDs do not match.
Pause
8601
Override jumper is set to force boot from lower alternate BIOS bank of flash
ROM
Pause
8602
WatchDog timer expired (secondary BIOS may be bad!)
Pause
8603
Secondary BIOS checksum fail
Pause



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com