Electronic Components Datasheet Search
  English  ▼

X  

S5000PAL Datasheet(PDF) 105 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 105 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 101Page - Intel Corporation S5000PAL Datasheet HTML 102Page - Intel Corporation S5000PAL Datasheet HTML 103Page - Intel Corporation S5000PAL Datasheet HTML 104Page - Intel Corporation S5000PAL Datasheet HTML 105Page - Intel Corporation S5000PAL Datasheet HTML 106Page - Intel Corporation S5000PAL Datasheet HTML 107Page - Intel Corporation S5000PAL Datasheet HTML 108Page - Intel Corporation S5000PAL Datasheet HTML 109Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
Appendix D: POST Error Messages and Handling
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
106
POST Error Beep Codes
The following table lists POST error beep codes. Prior to system Video initialization, BIOS uses these
beep codes to inform users on error conditions. The beep code is followed by a user visible code on
POST Progress LEDs.
Table 47. POST Error Beep Codes
Beeps
Error Message
POST Progress Code
Description
3
Memory error
System halted because a fatal error related to the memory
was detected.
6
BIOS rolling back
error
The system has detected a corrupted BIOS in the flash
part, and is rolling back to the last good BIOS.
The BMC may generate beep codes upon detection of failure conditions. Beep codes are sounded each
time the problem is discovered, such as on each power-up attempt, but are not sounded continuously.
Codes that are common across all Intel
® Server Boards and systems that use the Intel® S5000 chipset
are listed in Table 48. Each digit in the code is represented by a sequence of beeps whose count is equal
to the digit.
Table 48. BMC Beep Codes
Code
Reason for Beep
Associated Sensors
Supported?
1-5-2-1
CPU: Empty slot / population error – Processor
slot 1 is not populated.
CPU Population Error
Yes
1-5-2-2
CPU: No processors (terminators only)
N/A
No
1-5-2-3
CPU: Configuration error (e.g., VID mismatch)
N/A
No
1-5-2-4
CPU: Configuration error (e.g., BSEL mismatch)
N/A
No
1-5-4-2
Power fault: DC power unexpectedly lost (power
good dropout)
Power Unit – power unit
failure offset
Yes
1-5-4-3
Chipset control failure
N/A
No
1-5-4-4
Power control fault
Power Unit – soft power
control failure offset
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com