Electronic Components Datasheet Search
  English  ▼

X  

MAX4575ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4575ESA
Description  15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4575ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4575ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Detailed Description
The MAX4575/MAX4576/MAX4577 are dual SPST
CMOS analog switches with circuitry providing ±15kV
ESD protection on the NO and NC pins. The CMOS
switch construction provides rail-to-rail signal handling
while consuming virtually no power. Each of the two
switches is independently controlled by a TTL/CMOS-
level-compatible digital input.
Applications Information
Do not exceed the absolute maximum ratings because
stresses beyond the listed ratings may cause perma-
nent damage to the device.
Proper power-supply sequencing is recommended for
all CMOS devices. Always sequence V+ on first, fol-
lowed by the logic inputs, NO/NC, or COM.
Operating Considerations for
High-Voltage Supply
The MAX4575/MAX4576/MAX4577 are capable of
+12V single-supply operation with some precautions.
The absolute maximum rating for V+ is +13V (refer-
enced to GND). When operating near this region,
bypass V+ with a minimum 0.1µF capacitor to ground
as close to the IC as possible.
±15kV ESD Protection
The MAX4575/MAX4576/MAX4577 are ±15kV ESD pro-
tected (according to IEC 1000-4-2) at the NC/NO termi-
nals. To accomplish this, bidirectional SCRs are
included on-chip between these terminals. When the
voltages at these terminals go Beyond-the-Rail™, the
corresponding SCRs turns on in a few nanoseconds
±15kV ESD-Protected, Low-Voltage, Dual, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
7
tR < 20ns
tF < 20ns
50%
0
LOGIC
INPUT
RL
300
Ω
NO_/NC_
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN
tOFF
0
COM
SWITCH
OUTPUT
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
V+
CL
35pF
V+
VOUT
VCOM
MAX4575
MAX4576
MAX4577
V+
Figure 1. Switching Time
Figure 2. Off-Isolation/On-Channel Bandwidth
IN
VIL OR
VIH
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
NO_/NC_
RL
GND
COM
V+
MAX4575
MAX4576
MAX4577
Beyond-the-Rail is a trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com