Electronic Components Datasheet Search
  English  ▼

X  

MAX4575ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4575ESA
Description  15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4575ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4575ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
±15kV ESD-Protected, Low-Voltage, Dual, SPST,
CMOS Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V+ = 5V, TA = +25°C, unless otherwise specified.)
20
-120
0.01
0.1
1
10
100
1000
FREQUENCY RESPONSE
-100
FREQUENCY (MHz)
-60
-40
-80
-20
0
ON-LOSS
OFF-LOSS
CROSSTALK
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION
+ NOISE vs. FREQUENCY
FREQUENCY (Hz)
V+ = 5V
600
Ω IN AND OUT
PIN
MAX4575
MAX4576
MAX4577
NAME
FUNCTION
1
—
1
NO1
Analog Switch 1—Normally Open
—
1
—
NC1
Analog Switch 1—Normally Closed
2
2
2
COM1
Analog Switch 1—Common
3
3
3
IN2
Digital Control Input 2
4
4
4
GND
Ground
5
——
NO2
Analog Switch 2—Normally Open
—
5
5
NC2
Analog Switch 2—Normally Closed
6
6
6
COM2
Analog Switch 2—Common
7
7
7
IN1
Digital Control Input 1
8
8
8
V+
Positive Supply Voltage Input
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com