Electronic Components Datasheet Search
  English  ▼

X  

MAX4575ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4575ESA
Description  15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4575ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4575ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
±15kV ESD-Protected, Low-Voltage, Dual, SPST,
CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—SINGLE +3V SUPPLY
(V+ = +2.7V to +3.6V, VIH = 2.0V, VIL = 0.6V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Input Voltage Range
VCOM_,
VNO_,
VNC_
0V+
V
TA = +25
°C
70
120
On-Resistance
RON
V+ = 2.7V;
ICOM_ = 1mA;
VNO_ or VNC_ = 1.5V
TA = TMIN to TMAX
150
Ω
TA = +25
°C
0.6
3
On-Resistance Match Between
Channels (Notes 3, 8)
∆RON
V+ = 2.7V; ICOM_ = 1mA;
VNO_ or VNC_ = 1.5V
TA = TMIN to TMAX
4
Ω
TA = +25
°C6
12
On-Resistance Flatness
(Notes 4, 8)
RFLAT(ON)
V+ = 2.7V; ICOM_ = 1mA;
VNO_ or VNC_ = 0.5V,
1.5V, 2.2V
TA = TMIN to TMAX
15
Ω
LOGIC INPUT
IN_ Input High
VIH
2.0
V
IN_ Input Low
VIL
0.6
V
Logic Input Leakage Current
IIN
VIN = 0 or V+
-1
1
µA
SWITCH DYNAMIC CHARACTERISTICS
TA = +25
°C
150
250
Turn-On Time
tON
VCOM_ = 1.5V,
RL = 300
Ω, CL = 35pF,
Figure 1
TA = TMIN to TMAX
300
ns
TA = +25
°C
60
100
Turn-Off Time
tOFF
VCOM_ = 1.5V,
RL = 300
Ω, CL = 35pF,
Figure 1
TA = TMIN to TMAX
150
ns
TA = +25
°C5
Break-Before-Make
(MAX4577 only)
VCOM_ = 1.5V,
RL = 300
Ω, CL = 35pF
TA = TMIN to TMAX
4
ns
Charge Injection
Q
VGEN = 1.5V, CL = 1.0nF, RGEN = 0,
Figure 3
5pC
ESD SCR Holding Current
IH
110
mA
ESD SCR Holding Voltage
VH
3V
POWER SUPPLY
Power-Supply Range
V+
2
12
V
TA = +25
°C1
Positive Supply Current
I+
V+ = 3.6V,
VIN = 0 or V+
TA = TMIN to TMAX
10
µA
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value is a maximum, is used
in this data sheet.
Note 3:
∆RON = RON(MAX) - RON(MIN).
Note 4: Flatness is defined as the difference between the maximum and the minimum values of on-resistance as measured over
the specified analog signal ranges.
Note 5: Leakage parameters are 100% tested at TA(MAX), and guaranteed by correlation at +25°C.
Note 6: Off-Isolation = 20log10(VCOM / VNO), VCOM = output, VNO = input to off switch.
Note 7: Between any two switches.
Note 8: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com