Electronic Components Datasheet Search
  English  ▼

X  

MAX4575ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4575ESA
Description  15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4575ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4575ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
±15kV ESD-Protected, Low-Voltage, Dual, SPST,
CMOS Analog Switches
8
_______________________________________________________________________________________
and bypass the surge safely to ground. This method is
superior to using diode clamps to the supplies
because, unless the supplies are very carefully decou-
pled through low-ESR capacitors, the ESD current
through the diode clamp could cause a significant
spike in the supplies. This may damage or compromise
the reliability of any other chip powered by those same
supplies.
There are diodes from NC/NO to the supplies in addi-
tion to the SCRs. There is a resistance in series with
each of these diodes to limit the current into the sup-
plies during an ESD strike. The diodes protect these
terminals from overvoltages that are not a result of ESD
strikes. These diodes also protect the device from
improper power-supply sequencing.
Once the SCR turns on because of an ESD strike, it
continues to be on until the current through it falls
below its “holding current.” The holding current is typi-
cally 110mA in the positive direction (current flowing
into the NC/NO terminal) at room temperature (see SCR
Holding Current vs. Temperature in the Typical
Operating Characteristics). Design the system so that
any sources connected to NC/NO are current limited to
a value below the holding current to ensure the SCR
Figure 5. Crosstalk
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
NO2/NC2
RL
GND
COM1
0 OR 2.4V
IN1
NO1/NC1
50
Ω
COM2
IN2
0 OR
2.4V
NC
V+
MAX4575
MAX4576
MAX4577
Figure 4. Channel Off/On-Capacitance
CAPACITANCE
METER
NO_/NC_
COM
GND
IN
10nF
V+
f = 1MHz
V+
MAX4575
MAX4576
MAX4577
VIL OR
VIH
VGEN
GND
NO_/NC_
CL
VOUT
V+
VOUT
∆VOUT
Q = (
∆VOUT)(CL)
COM
OFF
ON
OFF
IN
VIN
V+
RGEN
IN
MAX4575
MAX4576
MAX4577
Figure 3. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com