Electronic Components Datasheet Search
  English  ▼

X  

MAX4575ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4575ESA
Description  15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4575ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4575ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
±15kV ESD-Protected, Low-Voltage, Dual, SPST,
CMOS Analog Switches
10
______________________________________________________________________________________
Figure 6. Human Body ESD Test Model
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
Ω
RD
1500
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 7. Human Body Model Current Waveform
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 9. IEC 1000-4-2 ESD Generator Current Waveform
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 8. IEC 1000-4-2 ESD Test Model
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50M
Ω to 100MΩ
RD
330
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com