Electronic Components Datasheet Search
  English  ▼

X  

MAX4575ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4575ESA
Description  15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4575ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4575ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
±15kV ESD-Protected, Low-Voltage, Dual, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
5
Typical Operating Characteristics
(V+ = 5V, TA = +25°C, unless otherwise specified.)
0
40
20
80
60
100
120
160
140
180
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE vs. VCOM AND
SUPPLY VOLTAGE
VCOM (V)
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 5V
0
10
30
20
40
50
60
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
VCOM (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
1
-40
85
60
35
10
-15
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
1000
10
100
TEMPERATURE (
°C)
ON
OFF
0
2
6
4
8
10
12
-40
-15
10
35
60
85
SUPPLY CURRENT
vs. VCC AND TEMPERATURE
TEMPERATURE (
°C)
V+ = 5V
0
10
50
40
20
30
70
60
90
80
100
-40
-15
10
35
60
85
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
tON
tOFF
V+ = 5V
VCOM = 3V
0
40
20
80
60
120
100
140
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0369
12
tON
tOFF
0
40
20
80
60
120
100
140
TURN-ON/TURN-OFF TIME
vs. VCOM (V+ = 3V)
VCOM (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
V+ = 3V
tON
tOFF
0
20
10
40
30
50
60
80
70
90
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TURN-ON/TURN-OFF
vs. VCOM (V+ = 5V)
VCOM (V)
tON
tOFF
V+ = 5V
-10
-5
5
0
10
15
20
01
23
4
5
CHARGE INJECTION vs. VCOM
VCOM (V)
V+ = 3V
V+ = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com