Electronic Components Datasheet Search
  English  ▼

X  

MAX4575ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4575ESA
Description  15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4575ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4575ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
±15kV ESD-Protected, Low-Voltage, Dual, SPST,
CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—SINGLE +5V SUPPLY
(V+ = +4.5V to +5.5V, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at V+ = +5V,
TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +13V
IN_, COM_, NO_, NC_ to GND (Note 1).......-0.3V to (V+ + 0.3V)
Continuous Current (NO_, NC_, COM).............................±10mA
Peak Current (NO_, NC_, COM_; pulsed at 1ms 10% duty
cycle) ................................................................................±30mA
ESD Protection per Method IEC 1000-4-2 (NO_, NC_)
Air-Gap Discharge .........................................................±15kV
Contact Discharge ...........................................................±8kV
ESD Protection per Method 3015.7
NO_, NC_ ...........................................................................±15kV
V+, GND, IN_, COM_ ........................................................±2.5kV
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
8-Pin SO (derate 8mW/°C above +70°C).....................640mW
Operating Temperature Range
MAX457_E_A ................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Maximum Die Temperature..............................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Input Voltage Range
VCOM_,
VNO_,
VNC_
0V+
V
TA = +25
°C45
70
On-Resistance
RON
V+ = +4.5V,
ICOM_ = 1mA,
VNO_ or VNC_ = 3.5V
TA = TMIN to TMAX
75
Ω
TA = +25
°C
0.5
2
On-Resistance Match Between
Channels (Note 3)
∆RON
V+ = +4.5V,
ICOM_ = 1mA,
VNO_ or VNC_ = 3.5V
TA = TMIN to TMAX
3
Ω
TA = +25
°C2
4
On-Resistance Flatness (Note 4)
RFLAT(ON)
V+ = +4.5V, ICOM_ = 1mA,
VNO_ or VNC_ = 1V,
2.25V, 3.5V
TA = TMIN to TMAX
5
Ω
TA = +25°C
-0.5
0.01
0.5
Off-Leakage Current
(NO_ or NC_) (Note 5)
INO_, INC_
V+ = 5.5V
VCOM_ = 1V, 4.5V
VNO_ or VNC_ = 4.5V, 1V
TA = TMIN to TMAX
-5
5
nA
TA = +25°C
-0.5
0.01
0.5
COM_ Off-Leakage Current
(Note 5)
ICOM_(OFF)
V+ = 5.5V
VCOM_ = 1V, 4.5V
VNO_ or VNC_ = 4.5V, 1V
TA = TMIN to TMAX
-5
5
nA
TA = +25°C
-1
0.02
1
COM_ On-Leakage Current
(Note 5)
ICOM_(ON)
V+ = 5.5V
VCOM_ = 1V, 4.5V
VNO_ or VNC_ = 1V,
4.5V or floating
TA = TMIN to TMAX
-10
10
nA
Note 1: Signals on NO_, NC_, COM_, or IN_ exceeding V+ or GND are clamped by internal diodes. Limit forward current to maximum
current rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com