Electronic Components Datasheet Search
  English  ▼

X  

MAX4575ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4575ESA
Description  15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4575ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4575ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4575ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4575/MAX4576/MAX4577 are low-voltage,
high electrostatic discharge (ESD)-protected, dual sin-
gle-pole/single-throw (SPST) analog switches. The nor-
mally closed (NO) and normally open (NC) pins are
protected against ±15kV ESD without latchup or dam-
age. Each switch can handle Rail-to-Rail® analog sig-
nals. Off-leakage current is 0.5nA at +25°C. These
analog switches are suitable for low-distortion audio
applications and are the preferred solution over
mechanical relays in automated test equipment or
applications where current switching is required. They
have low power requirements (0.5µW), require less
board space, and are more reliable than mechanical
relays. Each device is controlled by TTL/CMOS input
voltage levels and is bilateral.
These switches feature guaranteed operation from a
single supply of +2V to +12V, making them ideal for
use in battery-powered applications. On-resistance is
70
Ω (max), matched between switches to 0.5Ω (typ)
and flat (2
Ω typ) over the specified signal range.
The MAX4575 has two NO switches, the MAX4576 has
two NC switches, and the MAX4577 has one NO and
one NC switch. These devices are available in 8-pin
µMAX and SO packages.
Applications
Battery-Powered Systems
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Sample-and-Hold Circuits
Communications Circuits
Relay Replacement
____________________________Features
o ESD-Protected NO/NC Pins
±15kV (Human Body Model)
±15kV (IEC 1000-4-2 Air-Gap Discharge)
±8kV (IEC 1000-4-2 Contact Discharge)
o Pin Compatible with MAX4541/MAX4542/MAX4543
o Guaranteed On-Resistance
70
Ω (max) at +5V
150
Ω (max) at +3V
o On-Resistance Flatness
2
Ω (typ) at +5V
6
Ω (typ) at +3V
o On-Resistance Matching
0.5
Ω (typ) at +5V
0.6
Ω (typ) at +3V
o Guaranteed 0.5nA Leakage Current at TA = +25°C
o +2V to +12V Single-Supply Voltage
o TTL/CMOS-Logic Compatible
o Low Distortion: 0.015%
o -3dB Bandwidth >300MHz
o Rail-to-Rail Signal Range
±15kV ESD-Protected, Low-Voltage, Dual, SPST,
CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
19-1762; Rev 0; 7/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX4575 EUA
-40
°C to +85°C
8 µMAX
MAX4575ESA
-40
°C to +85°C
8 SO
MAX4576 EUA
-40
°C to +85°C
8 µMAX
MAX4576ESA
-40
°C to +85°C
8 SO
MAX4577 EUA
-40
°C to +85°C
8 µMAX
MAX4577ESA
-40
°C to +85°C
8 SO
TOP VIEW
SWITCHES SHOWN FOR LOGIC "0" INPUT
SO/
µMAX
MAX4575
MAX4575
LOGIC
SWITCH
0
1
OFF
ON
8
7
6
5
1
2
3
4
V+
IN1
COM2
NO2
GND
IN2
COM1
NO1
Pin Configurations/
Functional Diagrams/Truth Tables
Pin Configurations/Functional Diagrams/Truth Tables
continued at end of data sheet.


Similar Part No. - MAX4575ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
Dual CMOS Video Amplifier
Rev 0; 2/89
MAX4570CAI MAXIM-MAX4570CAI Datasheet
170Kb / 16P
Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570CWI MAXIM-MAX4570CWI Datasheet
170Kb / 16P
Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EAI MAXIM-MAX4570EAI Datasheet
170Kb / 16P
Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EWI MAXIM-MAX4570EWI Datasheet
170Kb / 16P
Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
More results

Similar Description - MAX4575ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4558 MAXIM-MAX4558 Datasheet
305Kb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com