Electronic Components Datasheet Search
  English  ▼

X  

BLF871 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF871
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF871 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF871 Datasheet HTML 1Page - NXP Semiconductors BLF871 Datasheet HTML 2Page - NXP Semiconductors BLF871 Datasheet HTML 3Page - NXP Semiconductors BLF871 Datasheet HTML 4Page - NXP Semiconductors BLF871 Datasheet HTML 5Page - NXP Semiconductors BLF871 Datasheet HTML 6Page - NXP Semiconductors BLF871 Datasheet HTML 7Page - NXP Semiconductors BLF871 Datasheet HTML 8Page - NXP Semiconductors BLF871 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BLF871_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2009
3 of 18
NXP Semiconductors
BLF871
UHF power LDMOS transistor
5.
Thermal characteristics
[1]
Rth(j-c) is measured under RF conditions.
6.
Characteristics
[1]
ID is the drain current.
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
Tcase =80 °C;
PL(AV) =50W
[1]
0.95
K/W
Table 6.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ Max
Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID = 1.12 mA [1] 89
-
105.5 V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 112 mA [1] 1.4
-
2.4
V
IDSS
drain leakage current
VGS =0V; VDS =40V
-
-
1.4
µA
IDSX
drain cut-off current
VGS =VGSth + 3.75 V;
VDS =10V
16.7 20
-
A
IGSS
gate leakage current
VGS =10V; VDS = 0 V
-
-
140
nA
RDS(on)
drain-source on-state resistance VGS =VGSth + 3.75 V;
ID = 3.7 A
[1]
-
210 -
m
Ω
Ciss
input capacitance
VGS = 0 V; VDS =40V;
f=1MHz
-95
-
pF
Coss
output capacitance
VGS = 0 V; VDS =40V;
f=1MHz
-30
-
pF
Crss
reverse transfer capacitance
VGS = 0 V; VDS =40V;
f=1MHz
-1
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com